công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HM628128DLTS-7SL bảng dữ liệu(PDF) 12 Page - Hitachi Semiconductor

tên linh kiện HM628128DLTS-7SL
Giải thích chi tiết về linh kiện  1 M SRAM (128-kword x 8-bit)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HITACHI [Hitachi Semiconductor]
Trang chủ  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM628128DLTS-7SL bảng dữ liệu(HTML) 12 Page - Hitachi Semiconductor

Back Button HM628128DLTS-7SL Datasheet HTML 8Page - Hitachi Semiconductor HM628128DLTS-7SL Datasheet HTML 9Page - Hitachi Semiconductor HM628128DLTS-7SL Datasheet HTML 10Page - Hitachi Semiconductor HM628128DLTS-7SL Datasheet HTML 11Page - Hitachi Semiconductor HM628128DLTS-7SL Datasheet HTML 12Page - Hitachi Semiconductor HM628128DLTS-7SL Datasheet HTML 13Page - Hitachi Semiconductor HM628128DLTS-7SL Datasheet HTML 14Page - Hitachi Semiconductor HM628128DLTS-7SL Datasheet HTML 15Page - Hitachi Semiconductor HM628128DLTS-7SL Datasheet HTML 16Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
HM628128D Series
12
Low V
CC Data Retention Characteristics (Ta = –20 to +70°C)
Parameter
Symbol
Min
Typ*
5
Max
Unit
Test conditions*
4
V
CC for data retention
V
DR
2.0
—
—
V
Vin
≥ 0V
(1) 0 V
≤ CS2 ≤ 0.2 V or
(2) CS2
≥ V
CC – 0.2 V
CS1
≥ V
CC – 0.2 V
Data retention current
I
CCDR*
1
—
1.0
50
µAV
CC = 3.0 V, Vin ≥ 0 V
(1) 0 V
≤ CS2 ≤ 0.2 V or
(2) CS2
≥ V
CC – 0.2 V,
CS1
≥ V
CC – 0.2 V
I
CCDR*
2
—
1.0
15
µA
I
CCDR*
3
—
0.5
10
µA
Chip deselect to data retention time
t
CDR
0
—
—
ns
See retention waveform
Operation recovery time
t
R
t
RC*
6
——
ns
Notes: 1. This characteristic is guaranteed only for L-version, 20
µA max. at Ta = –20 to +40°C.
2. This characteristic is guaranteed only for L-SL-version, 3
µA max. at Ta = –20 to +40°C.
3. This characteristic is guaranteed only for L-UL-version, 1
µA max. at Ta = –20 to +40°C.
4. CS2 controls address buffer,
WE buffer, CS1 buffer, OE buffer, and Din buffer. If CS2 controls
data retention mode, Vin levels (address,
WE, OE, CS1, I/O) can be in the high impedance state.
If
CS1 controls data retention mode, CS2 must be CS2
≥ V
CC – 0.2 V or 0 V ≤ CS2 ≤ 0.2 V.
The
other input levels (address,
WE, OE, I/O) can be in the high impedance state.
5. Typical values are at V
CC = 3.0 V, Ta = +25°C and specified loading, and not guaranteed.
6. t
RC = read cycle time.
Low V
CC Data Retention Timing Waveform (1) (CS1 Controlled)
V
CC
4.5 V
2.2 V
0 V
CS1
t
CDR
t
R
CS1
≥ V
CC – 0.2 V
V
DR
Data retention mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com