công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HM628128DLTS-7SL bảng dữ liệu(PDF) 8 Page - Hitachi Semiconductor

tên linh kiện HM628128DLTS-7SL
Giải thích chi tiết về linh kiện  1 M SRAM (128-kword x 8-bit)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HITACHI [Hitachi Semiconductor]
Trang chủ  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM628128DLTS-7SL bảng dữ liệu(HTML) 8 Page - Hitachi Semiconductor

Back Button HM628128DLTS-7SL Datasheet HTML 4Page - Hitachi Semiconductor HM628128DLTS-7SL Datasheet HTML 5Page - Hitachi Semiconductor HM628128DLTS-7SL Datasheet HTML 6Page - Hitachi Semiconductor HM628128DLTS-7SL Datasheet HTML 7Page - Hitachi Semiconductor HM628128DLTS-7SL Datasheet HTML 8Page - Hitachi Semiconductor HM628128DLTS-7SL Datasheet HTML 9Page - Hitachi Semiconductor HM628128DLTS-7SL Datasheet HTML 10Page - Hitachi Semiconductor HM628128DLTS-7SL Datasheet HTML 11Page - Hitachi Semiconductor HM628128DLTS-7SL Datasheet HTML 12Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
HM628128D Series
8
Write Cycle
HM628128D
-5
-7
Parameter
Symbol
Min
Max
Min
Max
Unit
Notes
Write cycle time
t
WC
55
—
70
—
ns
Address valid to end of write
t
AW
50
—
60
—
ns
Chip selection to end of write
t
CW
50
—
60
—
ns
5
Write pulse width
t
WP
40
—
50
—
ns
4, 13
Address setup time
t
AS
0—
0—
ns
6
Write recovery time
t
WR
0—
0—
ns
7
Data to write time overlap
t
DW
20
—
25
—
ns
Data hold from write time
t
DH
0—
0—
ns
Output active from output in high-Z
t
OW
5—
5—
ns
2
Output disable to output in high-Z
t
OHZ
0
20
0
25
ns
1, 2, 8
WE to output in high-Z
t
WHZ
0
20
0
25
ns
1, 2, 8
Notes: 1. t
CHZ, tOHZ and t WHZ are defined as the time at which the outputs achieve the open circuit conditions
and are not referred to output voltage levels.
2. This parameter is sampled and not 100% tested.
3. At any given temperature and voltage condition, t
HZ max is less than tLZ min both for a given
device and from device to device.
4. A write occurs during the overlap (t
WP) of a low CS1, a high CS2, and a low WE.
A write begins
at the later transition of
CS1 going low, CS2 going high, or WE going low. A write ends at the
earlier transition of
CS1 going high, CS2 going low, or WE going high. t
WP is measured from the
beginning of write to the end of write.
5. t
CW is measured from CS1 going low or CS2 going high to the end of write.
6. t
AS is measured from the address valid to the beginning of write.
7. t
WR is measured from the earlier of WE or CS1 going high or CS2 going low to the end of write
cycle.
8. During this period, I/O pins are in the output state; therefore, the input signals of the opposite
phase to the outputs must not be applied.
9. If the
CS1 goes low or CS2 going high simultaneously with WE going low or after WE going low,
the output remain in a high impedance state.
10. Dout is the same phase of the write data of this write cycle.
11. Dout is the read data of next address.
12. If
CS1 is low and CS2 high during this period, I/O pins are in the output state. Therefore, the
input signals of the opposite phase to the outputs must not be applied to them.
13. In the write cycle with
OE low fixed, t
WP must satisfy the following equation to avoid a problem of
data bus contention. t
WP ≥ tDW min + tWHZ max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com