công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430F135IPM bảng dữ liệu(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MSP430F135IPM
Giải thích chi tiết về linh kiện  MIXED SIGNAL MICROCONTROLLER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

MSP430F135IPM bảng dữ liệu(HTML) 27 Page - Texas Instruments

Back Button MSP430F135IPM Datasheet HTML 23Page - Texas Instruments MSP430F135IPM Datasheet HTML 24Page - Texas Instruments MSP430F135IPM Datasheet HTML 25Page - Texas Instruments MSP430F135IPM Datasheet HTML 26Page - Texas Instruments MSP430F135IPM Datasheet HTML 27Page - Texas Instruments MSP430F135IPM Datasheet HTML 28Page - Texas Instruments MSP430F135IPM Datasheet HTML 29Page - Texas Instruments MSP430F135IPM Datasheet HTML 30Page - Texas Instruments MSP430F135IPM Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 59 page
background image
MSP430x13x, MSP430x14x, MSP430x14x1
MIXED SIGNAL MICROCONTROLLER
SLAS272F − JULY 2000 − REVISED JUNE 2004
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
outputs − Ports P1, P2, P3, P4, P5, and P6
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH(max) = −1 mA,
VCC = 2.2 V,
See Note 1
VCC−0.25
VCC
VOH
High-level output voltage
IOH(max) = −6 mA,
VCC = 2.2 V,
See Note 2
VCC−0.6
VCC
V
VOH
High-level output voltage
IOH(max) = −1 mA,
VCC = 3 V,
See Note 1
VCC−0.25
VCC
V
IOH(max) = −6 mA,
VCC = 3 V,
See Note 2
VCC−0.6
VCC
IOL(max) = 1.5 mA,
VCC = 2.2 V,
See Note 1
VSS
VSS+0.25
VOL
Low-level output voltage
IOL(max) = 6 mA,
VCC = 2.2 V,
See Note 2
VSS
VSS+0.6
V
VOL
Low-level output voltage
IOL(max) = 1.5 mA,
VCC = 3 V,
See Note 1
VSS
VSS+0.25
V
IOL(max) = 6 mA,
VCC = 3 V,
See Note 2
VSS
VSS+0.6
NOTES:
1. The maximum total current, IOH(max) and IOL(max), for all outputs combined, should not exceed ±6 mA to satisfy the maximum
specified voltage drop.
2. The maximum total current, IOH(max) and IOL(max), for all outputs combined, should not exceed ±24 mA to satisfy the maximum
specified voltage drop.
output frequency
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fTAx
TA0..2, TB0−TB6,
Internal clock source, SMCLK signal
applied (see Note 1)
CL = 20 pF
DC
fSystem
MHz
fACLK,
fMCLK,
fSMCLK
P5.6/ACLK, P5.4/MCLK, P5.5/SMCLK
CL = 20 pF
fSystem
MHz
P2.0/ACLK
fACLK = fLFXT1 = fXT1
40%
60%
P2.0/ACLK
CL = 20 pF,
V
= 2.2 V / 3 V
fACLK = fLFXT1 = fLF
30%
70%
CL = 20 pF,
VCC = 2.2 V / 3 V fACLK = fLFXT1/n
50%
fSMCLK = fLFXT1 = fXT1
40%
60%
tXdc
Duty cycle of output frequency,
P1.4/SMCLK,
fSMCLK = fLFXT1 = fLF
35%
65%
Xdc
P1.4/SMCLK,
CL = 20 pF,
VCC = 2.2 V / 3 V
fSMCLK = fLFXT1/n
50%−
15 ns
50%
50%−
15 ns
VCC = 2.2 V / 3 V
fSMCLK = fDCOCLK
50%−
15 ns
50%
50%−
15 ns
NOTE 1: The limits of the system clock MCLK has to be met; the system (MCLK) frequency should not exceed the limits. MCLK and SMCLK
frequencies can be different.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com