công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430F135IPM bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MSP430F135IPM
Giải thích chi tiết về linh kiện  MIXED SIGNAL MICROCONTROLLER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

MSP430F135IPM bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button MSP430F135IPM Datasheet HTML 6Page - Texas Instruments MSP430F135IPM Datasheet HTML 7Page - Texas Instruments MSP430F135IPM Datasheet HTML 8Page - Texas Instruments MSP430F135IPM Datasheet HTML 9Page - Texas Instruments MSP430F135IPM Datasheet HTML 10Page - Texas Instruments MSP430F135IPM Datasheet HTML 11Page - Texas Instruments MSP430F135IPM Datasheet HTML 12Page - Texas Instruments MSP430F135IPM Datasheet HTML 13Page - Texas Instruments MSP430F135IPM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
MSP430x13x, MSP430x14x, MSP430x14x1
MIXED SIGNAL MICROCONTROLLER
SLAS272F − JULY 2000 − REVISED JUNE 2004
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
MSP430x14x1 (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
P5.6/ACLK
50
I/O
General-purpose digital I/O pin/auxiliary clock ACLK output
P5.7/TBOUTH
51
I/O
General-purpose digital I/O pin/switch all PWM digital output ports to high impedance − Timer_B7: TB0 to
TB6
P6.0
59
I/O
General-purpose digital I/O pin
P6.1
60
I/O
General-purpose digital I/O pin
P6.2
61
I/O
General-purpose digital I/O pin
P6.3
2
I/O
General-purpose digital I/O pin
P6.4
3
I/O
General-purpose digital I/O pin
P6.5
4
I/O
General-purpose digital I/O pin
P6.6
5
I/O
General-purpose digital I/O pin
P6.7
6
I/O
General-purpose digital I/O pin
RST/NMI
58
I
Reset input, nonmaskable interrupt input port, or bootstrap loader start (in Flash devices).
TCK
57
I
Test clock. TCK is the clock input port for device programming test and bootstrap loader start (in Flash
devices).
TDI/TCLK
55
I
Test data input or test clock input. The device protection fuse is connected to TDI/TCLK.
TDO/TDI
54
I/O
Test data output port. TDO/TDI data output or programming data input terminal
TMS
56
I
Test mode select. TMS is used as an input port for device programming and test.
DVSS
10
I
Connect to DVSS
Reserved
7
Reserved, do not connect externally
DVSS
11
I
Connect to DVSS
XIN
8
I
Input port for crystal oscillator XT1. Standard or watch crystals can be connected.
XOUT
9
O
Output terminal of crystal oscillator XT1
XT2IN
53
I
Input port for crystal oscillator XT2. Only standard crystals can be connected.
XT2OUT
52
O
Output terminal of crystal oscillator XT2
QFN Pad
NA
NA
QFN package pad connection to DVSS recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com