công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430F135IPM bảng dữ liệu(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MSP430F135IPM
Giải thích chi tiết về linh kiện  MIXED SIGNAL MICROCONTROLLER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

MSP430F135IPM bảng dữ liệu(HTML) 24 Page - Texas Instruments

Back Button MSP430F135IPM Datasheet HTML 20Page - Texas Instruments MSP430F135IPM Datasheet HTML 21Page - Texas Instruments MSP430F135IPM Datasheet HTML 22Page - Texas Instruments MSP430F135IPM Datasheet HTML 23Page - Texas Instruments MSP430F135IPM Datasheet HTML 24Page - Texas Instruments MSP430F135IPM Datasheet HTML 25Page - Texas Instruments MSP430F135IPM Datasheet HTML 26Page - Texas Instruments MSP430F135IPM Datasheet HTML 27Page - Texas Instruments MSP430F135IPM Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 59 page
background image
MSP430x13x, MSP430x14x, MSP430x14x1
MIXED SIGNAL MICROCONTROLLER
SLAS272F − JULY 2000 − REVISED JUNE 2004
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
PARAMETER
MIN
NOM
MAX
UNITS
Supply voltage during program execution, VCC (AVCC = DVCC = VCC)
MSP430F13x,
MSP430F14x(1)
1.8
3.6
V
Supply voltage during flash memory programming, VCC
(AVCC = DVCC = VCC)
MSP430F13x,
MSP430F14x(1)
2.7
3.6
V
Supply voltage, VSS (AVSS = DVSS = VSS)
0.0
0.0
V
Operating free-air temperature range, TA
MSP430x13x
MSP430x14x(1)
−40
85
°C
LFXT1 crystal frequency, f(LFXT1)
LF selected, XTS=0
Watch crystal
32768
Hz
LFXT1 crystal frequency, f(LFXT1)
(see Notes 1 and 2)
XT1 selected, XTS=1
Ceramic resonator
450
8000
kHz
(see Notes 1 and 2)
XT1 selected, XTS=1
Crystal
1000
8000
kHz
XT2 crystal frequency, f(XT2)
Ceramic resonator
450
8000
kHz
XT2 crystal frequency, f(XT2)
Crystal
1000
8000
kHz
Processor frequency (signal MCLK), f(System)
VCC = 1.8 V
DC
4.15
MHz
Processor frequency (signal MCLK), f(System)
VCC = 3.6 V
DC
8
MHz
NOTES:
1. In LF mode, the LFXT1 oscillator requires a watch crystal. A 5.1M
Ω resistor from XOUT to VSS is recommended when VCC <
2.5 V. In XT1 mode, the LFXT1 and XT2 oscillators accept a ceramic resonator or crystal up to 4.15MHz at VCC ≥ 2.2 V. In XT1 mode,
the LFXT1 and XT2 oscillators accept a ceramic resonator or crystal up to 8MHz at VCC ≥ 2.8 V.
2. In LF mode, the LFXT1 oscillator requires a watch crystal. In XT1 mode, LFXT1 accepts a ceramic resonator or a crystal.
f (MHz)
1.8 V
3.6 V
2.7 V 3 V
4.15 MHz
8.0 MHz
Supply Voltage − V
Supply voltage range, ’F13x/’F14x(1),
during flash memory programming
Supply voltage range,
’F13x/’F14x(1), during
program execution
Figure 1. Frequency vs Supply Voltage, MSP430F13x or MSP430F14x(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com