công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPM3015T-R47M-LR bảng dữ liệu(PDF) 6 Page - TDK Electronics

tên linh kiện SPM3015T-R47M-LR
Giải thích chi tiết về linh kiện  Inductors for Power Circuits Wound Metal
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TDK [TDK Electronics]
Trang chủ  http://www.tdk.com
Logo TDK - TDK Electronics

SPM3015T-R47M-LR bảng dữ liệu(HTML) 6 Page - TDK Electronics

  SPM3015T-R47M-LR Datasheet HTML 1Page - TDK Electronics SPM3015T-R47M-LR Datasheet HTML 2Page - TDK Electronics SPM3015T-R47M-LR Datasheet HTML 3Page - TDK Electronics SPM3015T-R47M-LR Datasheet HTML 4Page - TDK Electronics SPM3015T-R47M-LR Datasheet HTML 5Page - TDK Electronics SPM3015T-R47M-LR Datasheet HTML 6Page - TDK Electronics SPM3015T-R47M-LR Datasheet HTML 7Page - TDK Electronics SPM3015T-R47M-LR Datasheet HTML 8Page - TDK Electronics SPM3015T-R47M-LR Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
(6/9)
INDUC
T
O
RS
20160411 / inductor_commercial_power_spm3015-lr_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
SPM3015-LR Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Rated current: smaller value of either Isat or Itemp.
Isat: When based on the inductance change rate (30% below the initial value)
Itemp: When based on the temperature increase (Temperature increase of 40°C by self heating)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
L measuring
frequency
DC resistance
Rated current
Part No.
Isat
Itemp
(μH)
Tolerance
(kHz)
(m
: )max.
(m
: )typ.
(A)typ.
(A)typ.
0.47
±20%
100
28.2
25.6
7.0
4.8
SPM3015T-R47M-LR
1.00
±20%
100
45.1
41.0
5.0
3.8
SPM3015T-1R0M-LR
1.50
±20%
100
62.4
56.7
4.5
3.3
SPM3015T-1R5M-LR
2.20
±20%
100
86.6
78.7
4.0
2.8
SPM3015T-2R2M-LR
3.3
±20%
100
134.2
122.0
3.5
2.2
SPM3015T-3R3M-LR
4.7
±20%
100
199.1
181.0
3.0
1.8
SPM3015T-4R7M-LR
Measurement item
Product No.
Manufacturer
L
4284A
Keysight Technologies
DC resistance
AX-111A
ADEX
Rated current Isat
4284A+42841A+42842C
Keysight Technologies



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com