công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPM3015T-R47M-LR bảng dữ liệu(PDF) 3 Page - TDK Electronics

tên linh kiện SPM3015T-R47M-LR
Giải thích chi tiết về linh kiện  Inductors for Power Circuits Wound Metal
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TDK [TDK Electronics]
Trang chủ  http://www.tdk.com
Logo TDK - TDK Electronics

SPM3015T-R47M-LR bảng dữ liệu(HTML) 3 Page - TDK Electronics

  SPM3015T-R47M-LR Datasheet HTML 1Page - TDK Electronics SPM3015T-R47M-LR Datasheet HTML 2Page - TDK Electronics SPM3015T-R47M-LR Datasheet HTML 3Page - TDK Electronics SPM3015T-R47M-LR Datasheet HTML 4Page - TDK Electronics SPM3015T-R47M-LR Datasheet HTML 5Page - TDK Electronics SPM3015T-R47M-LR Datasheet HTML 6Page - TDK Electronics SPM3015T-R47M-LR Datasheet HTML 7Page - TDK Electronics SPM3015T-R47M-LR Datasheet HTML 8Page - TDK Electronics SPM3015T-R47M-LR Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
(3/9)
INDUC
T
O
RS
20160411 / inductor_commercial_power_spm3015-lr_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
Inductors for Power Circuits
Wound Metal
FEATURES
Magnetic shield type wound inductor for power circuits using a metallic magnetic material.
Low-profile product.
Compared to ferrite wound type inductors, it is possible to achieve large current, low Rdc, and compactness.
Low inductance variance in high-temperature environments with good DC superimposition characteristics.
Metallic magnetic material is used, and the structure has an integrated molded coil, so hum noise is lower than with core adhesive coils.
APPLICATION
Tablet terminals, note PCs, HDDs, servers, VRMs, compact power supply modules, other
PART NUMBER CONSTRUCTION
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
Operating temperature range includes self-temperature rise.
The Storage temperature range is for after the circuit board is mounted.
Product compatible with RoHS directive
Halogen-free
Compatible with lead-free solders
Overview of SPM3015-LR Type
SPM
3015
T
-
R47
M
-
LR
Series name
L×W×H Dimensions
Packaging style
Inductance
Inductance
tolerance
Internal code
(mm max.)
(μH)
3015
3.2×3.0×1.5
T
Taping
R47
0.47
M
±20%
1R5
1.5
2R2
2.2
Type
Temperature range
Package quantity
Individual weight
Operating temperature
(°C)
Storage
temperature
(°C)
(pieces/reel)
(g)
SPM3015-LR
–40 to +125
–40 to +125
2000
0.0661
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://product.tdk.com/en/environment/rohs/
Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm.



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com