công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC16071CIWM bảng dữ liệu(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện ADC16071CIWM
Giải thích chi tiết về linh kiện  16-Bit Delta-Sigma 192 ks/s Analog-to-Digital Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC16071CIWM bảng dữ liệu(HTML) 12 Page - National Semiconductor (TI)

Back Button ADC16071CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 9Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 10Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 11Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 12Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 13Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 14Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 15Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
TLH11454 – 7
FIGURE 5 Timing Diagrams for Data Output Enable (DOE) and Serial Data Out (SDO)
Pin Description
VREFa VREFb These are the ADC16471’s internal differ-
ential reference’s bypass pins Their nomi-
nal output voltage is g125V centered
around the voltage at the VMID pin typically
VAa 2 VREFa VMID and VREFb should
be bypassed with a parallel combination of
10 mF and 01 mF capacitors
For the
ADC16071 these are the reference voltage
inputs VREFa and VMID should be by-
passed with a parallel combination of 10 mF
and 01 mF capacitors
VMID
This pin is the internal differential refer-
ence’s VAa 2 output pin VMID should be
bypassed with a parallel combination of
10 mF and 01 mF capacitors
VINa VINb
These are the ADC’s differential input pins
Signals applied to these pins can be single-
ended or differential with respect to the
VMID voltage
PD
This is the input pin used to activate the
power-down mode When a logic LOW (0)
is applied to this pin the supply current
drops from 100 mA (max) to 13 mA (max)
AGND
This is the connection to system analog
ground Internally this ground is connected
to the analog circuitry including the fourth-
order modulator
DGND
This is the connection to system digital
ground Internally this ground is connected
to all digital circuitry except the modulator’s
clock
MGND
This is the ground pin for the modulator’s
clock It should be connected to analog
ground through its own connection that is
separate from that used by AGND
VAa
This pin is the connection to the system an-
alog voltage supply Best performance is
achieved when this pin is bypassed with a
parallel combination of 10 mF and 01 mF
capacitors
VMa
This is the modulator’s supply pin VMa should
be connected to the system analog voltage
supply with a circuit board trace or connection
that is separate from that used to supply VAa
Best performance is achieved when this pin is
bypassed with a parallel combination of 10 mF
and 01 mF capacitors
VDa
This pin is the connection to the system digital
voltage supply Best performance is achieved
when this pin is bypassed with a parallel combi-
nation of 10 mF and 01 mF capacitors
SFMT
This is the Serial Format pin The logic level
applied to the SFMT pin determines whether
conversion data shifted out of the SDO pin is
valid on the rising or falling edge of SCO It also
controls the format of the Frame Sync Out
(FSO)
signal See the Serial Interface section
for details
TM0 TM1 Used to enabled test mode during production
Connect both pins to DGND
FSI
This is the Frame Sync Input pin FSI is an
input used to synchronize the ADC16071
ADC16471’s conversions to an external source
The state of FSI is sampled on the falling edge
of CLK See the Serial Interface section for
details
CLK
This is the clock signal input pin The signal ap-
plied to this pin sets the sample rate of the
ADC16071ADC16471’s modulator to fCLK 2
The frequency range can be 1 MHz s fCLK s
25 MHz
SCO
This is the Serial Clock Output pin
The
ADC16071ADC16471’s serial data transmis-
sion is synchronous with the SCO signal SCO
has a frequency of fCLK 4 See the Serial In-
terface
section for details
SDO
This is the Serial Data Output pin
The
ADC16071ADC16471’s conversion data is
shifted out from this pin synchronous to the
SCO
signal See the Serial Interface section
for details
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com