công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB9B320TA bảng dữ liệu(PDF) 70 Page - SPANSION

tên linh kiện MB9B320TA
Giải thích chi tiết về linh kiện  This document states the current technical specifications regarding
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B320TA bảng dữ liệu(HTML) 70 Page - SPANSION

Back Button MB9B320TA Datasheet HTML 66Page - SPANSION MB9B320TA Datasheet HTML 67Page - SPANSION MB9B320TA Datasheet HTML 68Page - SPANSION MB9B320TA Datasheet HTML 69Page - SPANSION MB9B320TA Datasheet HTML 70Page - SPANSION MB9B320TA Datasheet HTML 71Page - SPANSION MB9B320TA Datasheet HTML 72Page - SPANSION MB9B320TA Datasheet HTML 73Page - SPANSION MB9B320TA Datasheet HTML 74Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 141 page
background image
D a t a S h e e t
January 30, 2015, MB9B320TA_DS706-00062-2v0-E
67
CONFIDENTIAL
 Memory Map
 Memory Map (1)
Peripherals Area
0x41FF_FFFF
0xFFFF_FFFF
0xE010_0000
0xE000_0000
0x4006_1000
0x4006_0000
DMAC
0x4005_0000
Reserved
0x4004_0000
USB ch.0
0x4003_F000
EXT-bus I/F
0x4003_C000
Reserved
0x7000_0000
0x4003_B000
RTC
0x4003_A000
Watch Counter
0x6000_0000
0x4003_9000
CRC
0x4003_8000
MFS
0x4003_7000
Reserved
0x4400_0000
0x4003_6000
USB Clock Ctrl
0x4003_5000
LVD/DS mode
0x4200_0000
0x4003_4000
HDMI-CEC/
Remote Control Receiver
0x4003_3000
GPIO
0x4000_0000
0x4003_2000
Reserved
0x4003_1000
Int-Req.Read
0x2400_0000
0x4003_0000
EXTI
0x4002_F000
Reserved
0x2200_0000
0x4002_E000
CR Trim
0x4002_9000
Reserved
0x2001_8000
0x4002_8000
D/AC
0x2000_0000
SRAM1
0x4002_7000
A/DC
0x1FFE_8000
SRAM0
0x4002_6000
QPRC
0x4002_5000
Base Timer
0x0051_8000
0x4002_4000
PPG
0x0050_8000
Flash(Work area)
0x0040_4000
Reserved
0x0040_0000
Security/CR Trim
0x4002_1000
0x4002_0000
MFT unit0
0x4001_6000
0x4001_5000
Dual Timer
0x0000_0000
0x4001_3000
0x4001_2000
SW WDT
0x4001_1000
HW WDT
0x4001_0000
Clock/Reset
0x4000_1000
0x4000_0000
Flash I/F
32Mbytes
Bit band alias
See "Memory map(2)" for
the memory size details.
Reserved
Peripherals
Reserved
32Mbytes
Bit band alias
Reserved
Reserved
Flash(Main area)
Reserved
Reserved
Reserved
Reserved
Cortex-M3 Private
Peripherals
Reserved
Reserved
Reserved
External Device
Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More