| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB9B320M bảng dữ liệu(PDF) 53 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9B320M bảng dữ liệu(HTML) 53 Page - SPANSION |
|
53 / 113 page ![]() D a t a S h e e t 50 MB9B320M_DS706-00049-3v0-E, March 18, 2015 CONFIDENTIAL Peripheral Address Map Start address End address Bus Peripherals 0x4000_0000 0x4000_0FFF AHB Flash Memory I/F register 0x4000_1000 0x4000_FFFF Reserved 0x4001_0000 0x4001_0FFF APB0 Clock/Reset Control 0x4001_1000 0x4001_1FFF Hardware Watchdog timer 0x4001_2000 0x4001_2FFF Software Watchdog timer 0x4001_3000 0x4001_4FFF Reserved 0x4001_5000 0x4001_5FFF Dual-Timer 0x4001_6000 0x4001_FFFF Reserved 0x4002_0000 0x4002_0FFF APB1 Multi-function timer unit0 0x4002_1000 0x4002_3FFF Reserved 0x4002_4000 0x4002_4FFF PPG 0x4002_5000 0x4002_5FFF Base Timer 0x4002_6000 0x4002_6FFF Quadrature Position/Revolution Counter (QPRC) 0x4002_7000 0x4002_7FFF A/D Converter 0x4002_8000 0x4002_8FFF D/A Converter 0x4002_9000 0x4002_DFFF Reserved 0x4002_E000 0x4002_EFFF Built-in CR trimming 0x4002_F000 0x4002_FFFF Reserved 0x4003_0000 0x4003_0FFF APB2 External Interrupt 0x4003_1000 0x4003_1FFF Interrupt Source Check Register 0x4003_2000 0x4003_2FFF Reserved 0x4003_3000 0x4003_3FFF GPIO 0x4003_4000 0x4003_4FFF Reserved 0x4003_5000 0x4003_57FF Low-Voltage Detector 0x4003_5800 0x4003_5FFF Deep standby mode Controller 0x4003_6000 0x4003_6FFF USB clock generator 0x4003_7000 0x4003_7FFF Reserved 0x4003_8000 0x4003_8FFF Multi-function serial Interface 0x4003_9000 0x4003_9FFF CRC 0x4003_A000 0x4003_AFFF Watch Counter 0x4003_B000 0x4003_BFFF Real-time clock 0x4003_C000 0x4003_FFFF Reserved 0x4004_0000 0x4004_FFFF AHB USB ch.0 0x4005_0000 0x4005_FFFF Reserved 0x4006_0000 0x4006_0FFF DMAC register 0x4006_1000 0x41FF_FFFF Reserved |