| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB9B320M bảng dữ liệu(PDF) 51 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9B320M bảng dữ liệu(HTML) 51 Page - SPANSION |
|
51 / 113 page ![]() D a t a S h e e t 48 MB9B320M_DS706-00049-3v0-E, March 18, 2015 CONFIDENTIAL Memory Map Memory Map (1) Peripherals Area 0x41FF_FFFF 0xFFFF_FFFF 0xE010_0000 0xE000_0000 0x4006_1000 0x4006_0000 DMAC 0x4005_0000 Reserved 0x4004_0000 USB ch.0 0x4003_C000 Reserved 0x4003_B000 RTC 0x7000_0000 0x4003_A000 Watch Counter 0x4003_9000 CRC 0x6000_0000 0x4003_8000 MFS 0x4003_7000 Reserved 0x4003_6000 USB Clock Ctrl 0x4400_0000 0x4003_5000 LVD/DS mode 0x4003_4000 Reserved 0x4200_0000 0x4003_3000 GPIO 0x4003_2000 Reserved 0x4000_0000 0x4003_1000 Int-Req.Read 0x4003_0000 EXTI 0x2400_0000 0x4002_F000 Reserved 0x4002_E000 CR Trim 0x2200_0000 0x4002_9000 Reserved 0x4002_8000 D/AC 0x2008_0000 0x4002_7000 A/DC 0x2000_0000 SRAM1 0x4002_6000 QPRC 0x1FF8_0000 SRAM0 0x4002_5000 Base Timer 0x4002_4000 PPG 0x0020_8000 0x0020_0000 Flash(Work area) 0x0010_4000 Reserved 0x4002_1000 0x0010_0000 Security/CR Trim 0x4002_0000 MFT unit0 0x4001_6000 0x4001_5000 Dual Timer 0x4001_3000 0x0000_0000 0x4001_2000 SW WDT 0x4001_1000 HW WDT 0x4001_0000 Clock/Reset 0x4000_1000 0x4000_0000 Flash I/F See " Memory Map (2)" for the memory size details. 32Mbyte Bit band alias Reserved Reserved Cortex-M3 Private Peripherals 32Mbyte Bit band alias Reserved Reserved Reserved Flash(Main area) Reserved Reserved Reserved Reserved Reserved External DeviceArea Reserved Peripherals |