| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB9AAA0N bảng dữ liệu(PDF) 33 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9AAA0N bảng dữ liệu(HTML) 33 Page - SPANSION |
|
33 / 109 page ![]() D a t a S h e e t 30 MB9AAA0N_DS706-00067-2v0-E, June 30, 2015 CONFIDENTIAL Pin function Pin name Function description Pin No LQFP- 64 LQFP- 80 LQFP- 100 QFP- 100 Multi- function Timer 0 DTTI0X_0 Input signal of waveform generator to control outputs RTO00 to RTO05 of Multi-function timer 0 9 13 18 96 DTTI0X_1 - - 69 47 DTTI0X_2 59 75 95 73 FRCK0_0 16-bit free-run timer ch.0 external clock input pin - - 13 91 FRCK0_1 - - 70 48 FRCK0_2 35 43 53 31 IC00_0 16-bit input capture input pin of Multi-function timer 0. ICxx describes a channel number. - - 17 95 IC00_1 - 55 65 43 IC00_2 36 44 54 32 IC01_0 - - 16 94 IC01_1 - 56 66 44 IC01_2 37 45 55 33 IC02_0 - - 15 93 IC02_1 - - 67 45 IC02_2 38 46 56 34 IC03_0 - - 14 92 IC03_1 - - 68 46 IC03_2 39 47 57 35 RTO00_0 (PPG00_0) Waveform generator output pin of Multi-function timer 0. This pin operates as PPG00 when it is used in PPG0 output mode. 10 14 19 97 RTO00_1 (PPG00_1) - - 71 49 RTO01_0 (PPG00_0) Waveform generator output pin of Multi-function timer 0. This pin operates as PPG00 when it is used in PPG0 output mode. 11 15 20 98 RTO02_0 (PPG02_0) Waveform generator output pin of Multi-function timer 0. This pin operates as PPG02 when it is used in PPG0 output mode. 12 16 21 99 RTO03_0 (PPG02_0) Waveform generator output pin of Multi-function timer 0. This pin operates as PPG02 when it is used in PPG0 output mode. 13 17 22 100 RTO04_0 (PPG04_0) Waveform generator output pin of Multi-function timer 0. This pin operates as PPG04 when it is used in PPG0 output mode. 14 18 23 1 RTO05_0 (PPG04_0) Waveform generator output pin of Multi-function timer 0. This pin operates as PPG04 when it is used in PPG0 output mode. 15 19 24 2 IGTRG PPG IGBT mode external trigger input pin 24 32 42 20 |