| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NX1-/CVCK-MP bảng dữ liệu(PDF) 5 Page - Hirose Electric |
|
|
|||||||||||||||||||||||||||||
NX1-/CVCK-MP bảng dữ liệu(HTML) 5 Page - Hirose Electric |
|
5 / 6 page ![]() B6 NOTE Connector mounting side The dimensions portion of the diagram(i.e.,the dotted line portion) is not required when a positioning jig or another aid is used to mount the connectors. Contact No.2 Contact No.67 Contact No.34 Contact No.68 P=0.635±0.03 68-0.4±0.02 0.635∞67=42.545±0.05 Contact No.35 Contact No.1 47 0 -0.1 45 +0.1 +0 1 Last contact No. Contact No.1 P=0.8±0.05 B±0.1 A±0.1 D±0.1 Ground clip pad 2±0.1 44±0.2 Valied parts mounting area f 0.6 +0.1 +0 0.5 0 -0.05 C +0.1 +0 1 Connector mounting side Contact No.2 Contact No.67 Contact No.34 Contact No.68 P=0.635±0.03 68-0.4±0.02 8-0.8±0.1 0.635∞67=42.545±0.05 Contact No.35 Contact No.1 47 0 -0.2 Last contact No. Contact No.1 P=0.8±0.05 B±0.1 A±0.1 D±0.1 Ground clip pad Valied parts mounting area 5.08±0.1 44±0.2 5.08±0.1 36.83±0.15 6.35±0.1 5.08±0.1 5.08±0.1 5.08±0.1 f 0.6 +0.1 +0 0.5 0 -0.05 C +0.1 +0 5.08±0.1 2±0.1 B Board Dimensions (Applicable Board Thickness: 0.5 mm Max.) qNX1 Series (General Type) qNX1B Series (CardBus Type) AB C D 31.2 39.2 44.8 31.2 39.2 44.8 31.2 39.2 44.8 31.2 39.2 44.8 29.8 37.8 43.4 29.8 37.8 43.4 29.8 37.8 43.4 29.8 37.8 43.4 27.2 35.2 40.8 27.2 35.2 40.8 27.2 35.2 40.8 27.2 35.2 40.8 11.2 19.2 24.8 11.2 19.2 24.8 11.2 19.2 24.8 11.2 19.2 24.8 Offset 0.9 0.3 0.9 0.3 Number of Contacts 15 25 32 15 25 32 15 25 32 15 25 32 Part Number NX1-15T-KT9K(**) NX1-25T-KT9K(**) NX1-32T-KT9K(**) NX1-15T-KT3K(**) NX1-25T-KT3K(**) NX1-32T-KT3K(**) NX1BL-15T-KT9B(**) NX1BL-25T-KT9B(**) NX1BL-32T-KT9B(**) NX1BL-15T-KT3B(**) NX1BL-25T-KT3B(**) NX1BL-32T-KT3B(**) Type NX 1Series (General Type) NX1B Series (Card Bus Type Frame Kit) ✽Please use "NX Series Flame Kit (Not N X 1) "when print processing the panel. (**) : (05) : With Insulation type (**) : (06) : Without Insulation type |