| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9993BBCZ bảng dữ liệu(PDF) 55 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9993BBCZ bảng dữ liệu(HTML) 55 Page - Analog Devices |
|
55 / 56 page ![]() Data Sheet AD9993 Rev. A | Page 55 of 56 GLOBAL DEVICE UPDATE REGISTER Address: 0x0FF, Reset: 0x00, Name: DEVICE_UPDATE Table 68. Bit Descriptions for DEVICE_UPDATE Bits Bit Name Description Reset Access 0 CHIP_REGMAP_TRANSFER Register map master/slave transfer bit. Self clearing bit used to synchronize the transfer of data from the master to the slave registers. 0x0 RW 0 = no effect 1 = transfer data from the master registers written by the register maps to the slave registers seen by the datapath. |