| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP5907 bảng dữ liệu(PDF) 24 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP5907 bảng dữ liệu(HTML) 24 Page - Texas Instruments |
|
24 / 36 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 30-Mar-2016 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LP5907SNX-2.7/NOPB ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 CH LP5907SNX-2.75 ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 HI LP5907SNX-2.8/NOPB ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 CI LP5907SNX-2.85/NOPB ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 CJ LP5907SNX-2.9/NOPB ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 GV LP5907SNX-3.0/NOPB ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 CK LP5907SNX-3.1/NOPB ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 CL LP5907SNX-3.2/NOPB ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 CM LP5907SNX-3.3/NOPB ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 CN LP5907SNX-4.0/NOPB ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 GU LP5907SNX-4.5/NOPB ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 CO LP5907UVE-1.2/NOPB ACTIVE DSBGA YKE 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 R LP5907UVE-1.8/NOPB ACTIVE DSBGA YKE 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 S LP5907UVE-2.8/NOPB ACTIVE DSBGA YKE 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 U LP5907UVE-2.85/NOPB ACTIVE DSBGA YKE 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 V LP5907UVE-3.0/NOPB ACTIVE DSBGA YKE 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 B LP5907UVE-3.1/NOPB ACTIVE DSBGA YKE 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 X LP5907UVE-3.2/NOPB ACTIVE DSBGA YKE 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 C |