công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT90LS4433-4PI bảng dữ liệu(PDF) 72 Page - ATMEL Corporation

tên linh kiện AT90LS4433-4PI
Giải thích chi tiết về linh kiện  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4PI bảng dữ liệu(HTML) 72 Page - ATMEL Corporation

Back Button AT90LS4433-4PI Datasheet HTML 68Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 69Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 70Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 71Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 72Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 73Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 74Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 75Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 76Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 126 page
background image
72
AT90S/LS4433
1042H–AVR–04/03
I/O Ports
All AVR ports have true Read-Modify-Write functionality when used as general digital
I/O ports. This means that the direction of one port pin can be changed without uninten-
tionally changing the direction of any other pin with the SBI and CBI instructions. The
same applies for changing drive value (if configured as output) or enabling/disabling of
pull-up resistors (if configured as input).
Port B
Port B is a 6-bit bi-directional I/O port.
Three I/O memory address locations are allocated for the Port B, one each for the Data
Register – PORTB, $18($38), Data Direction Register – DDRB, $17($37), and the Port
B Input Pins – PINB, $16($36). The Port B Input Pins address is read only, while the
Data Register and the Data Direction Register are read/write.
All port pins have individually selectable pull-up resistors. The Port B output buffers can
sink 20 mA and thus drive LED displays directly. When pins PB0 to PB7 are used as
inputs and are externally pulled low, they will source current if the internal pull-up resis-
tors are activated.
The Port B pins with alternate functions are shown in Table 23.
When the pins are used for the alternate function, the DDRB and PORTB Registers
have to be set according to the alternate function description.
Port B Data Register – PORTB
Port B Data Direction Register
– DDRB
Port B Input Pins Address –
PINB
Table 23. Port B Pin Alternate Functions
Port Pin
Alternate Functions
PB0
ICP (Timer/Counter1 Input Capture Pin)
PB1
OC1 (Timer/Counter1 Output Compare Match Output)
PB2
SS (SPI Slave Select Input)
PB3
MOSI (SPI Bus Master Output/Slave Input)
PB4
MISO (SPI Bus Master Input/Slave Output)
PB5
SCK (SPI Bus Serial Clock)
Bit
76543210
$18 ($38)
–
–
PORTB5
PORTB4
PORTB3
PORTB2
PORTB1
PORTB0
PORTB
Read/Write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000
Bit
76543210
$17 ($37)
–
–
DDB5
DDB4
DDB3
DDB2
DDB1
DDB0
DDRB
Read/Write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000
Bit
76543210
$16 ($36)
–
–
PINB5
PINB4
PINB3
PINB2
PINB1
PINB0
PINB
Read/Write
RRRRRRRR
Initial Value
0
0
N/A
N/A
N/A
N/A
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com