công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT90LS4433-4PI bảng dữ liệu(PDF) 99 Page - ATMEL Corporation

tên linh kiện AT90LS4433-4PI
Giải thích chi tiết về linh kiện  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4PI bảng dữ liệu(HTML) 99 Page - ATMEL Corporation

Back Button AT90LS4433-4PI Datasheet HTML 95Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 96Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 97Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 98Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 99Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 100Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 101Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 102Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 103Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 126 page
background image
99
AT90S/LS4433
1042H–AVR–04/03
Notes:
1. “Max” means the highest value where the pin is guaranteed to be read as low (logical “0”).
2. “Min” means the lowest value where the pin is guaranteed to be read as high (logical “1”).
3. Although each I/O port can sink more than the test conditions (20 mA at V
CC = 5.0V, 10 mA at VCC = 3.0V) under steady-
state conditions (non-transient), the following must be observed:
1] The sum of all IOL, for all ports, should not exceed 300 mA.
2] The sum of all I
OL, for ports C0 - C5, should not exceed 100 mA.
3] The sum of all IOL, for ports B0 - B5, D0 - D7 and XTAL2, should not exceed 200 mA.
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test condition.
4. Although each I/O port can source more than the test conditions (3 mA at VCC = 5.0V, 1.5 mA at VCC = 3.0V) under steady-
state conditions (non-transient), the following must be observed:
1] The sum of all I
OH, for all ports, should not exceed 300 mA.
2] The sum of all IOH, for ports C0 - C5, should not exceed 100 mA.
3] The sum of all IOH, for ports B0 - B5, D0 - D7 and XTAL2, should not exceed 200 mA.
If I
OH exceeds the test condition, VOH may exceed the related specification. Pins are not guaranteed to source current
greater than the listed test condition.
5. Minimum V
CC for Power-down is 2.0V.
VACIO
Analog Comparator Input
Offset Voltage
V
CC = 5.0V
V
in = VCC/2
40.0
mV
IACLK
Analog Comparator Input
Leakage A
VCC = 5.0V
V
in = VCC/2
-50.0
50.0
nA
tACPD
Analog Comparator
Propagation Delay
VCC = 2.7V
V
CC = 4.0V
750.0
500.0
ns
DC Characteristics (Continued)
T
A = -40°C to 85°C, VCC = 2.7V to 6.0V (unless otherwise noted)
Symbol
Parameter
Condition
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com