công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT90LS4433-4PI bảng dữ liệu(PDF) 93 Page - ATMEL Corporation

tên linh kiện AT90LS4433-4PI
Giải thích chi tiết về linh kiện  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4PI bảng dữ liệu(HTML) 93 Page - ATMEL Corporation

Back Button AT90LS4433-4PI Datasheet HTML 89Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 90Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 91Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 92Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 93Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 94Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 95Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 96Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 97Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 126 page
background image
93
AT90S/LS4433
1042H–AVR–04/03
Serial Downloading
Both the Program and Data memory arrays can be programmed using the SPI bus while
RESET is pulled to GND. The serial interface consists of pins SCK, MOSI (input) and
MISO (output) (see Figure 66). After RESET is set low, the Programming Enable
instruction needs to be executed first before program/erase instructions can be
executed.
Figure 66. Serial Programming and Verify
For the EEPROM, an auto-erase cycle is provided within the self-timed write instruction
and there is no need to first execute the Chip Erase instruction. The Chip Erase instruc-
tion turns the content of every memory location in both the program and EEPROM
arrays into $FF.
The Program and EEPROM memory arrays have separate address spaces: 0000 to
$07FF for Program memory and $0000 to $00FF for EEPROM memory.
Either an external system clock is supplied at pin XTAL1 or a crystal needs to be con-
nected across pins XTAL1 and XTAL2. The minimum low and high periods for the serial
clock (SCK) input are defined as follows:
Low: > 2 XTAL1 clock cycles
High: > 2 XTAL1 clock cycles
Serial Programming
Algorithm
When writing serial data to the AT90S4433, data is clocked on the rising edge of CLK.
When reading data from the AT90S4433, data is clocked on the falling edge of CLK.
See Figure 67, Figure 68 and Table 36 for details.
To program and verify the AT90S4433 in the Serial Programming mode, the following
sequence is recommended (see 4-byte instruction formats in Table 35
):
1.
Power-up sequence:
Apply power between V
CC and GND while RESET and SCK are set to “0”. If a
crystal is not connected across pins XTAL1 and XTAL2, apply a clock signal to
the XTAL1 pin. In some systems, the programmer cannot guarantee that SCK is
held low during Power-up. In this case, RESET must be given a positive pulse of
at least two XTAL1 cycles’ duration after SCK has been set to “0”.
2.
Wait for at least 20 ms and enable serial programming by sending the Program-
ming Enable serial instruction to pin MOSI/PB3.
3.
The serial programming instructions will not work if the communication is out of
synchronization. When in sync, the second byte ($53) will echo back when issu-
AT90S/LS4433
VCC
4.0 - 6.0 V (AT90S4433)
2.7 - 6.0 V (AT90LS4433)
PB5(SCK)
PB4(MISO)
PB3(MOSI)
RESET
GND
XTAL1
CLOCK IN
GND
DATA OUT
INSTR. IN
CLOCK
INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com