công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC4212BEVB bảng dữ liệu(PDF) 1 Page - Semtech Corporation

tên linh kiện SC4212BEVB
Giải thích chi tiết về linh kiện  Very Low Input /Very Low Dropout 1 Amp Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4212BEVB bảng dữ liệu(HTML) 1 Page - Semtech Corporation

  SC4212BEVB Datasheet HTML 1Page - Semtech Corporation SC4212BEVB Datasheet HTML 2Page - Semtech Corporation SC4212BEVB Datasheet HTML 3Page - Semtech Corporation SC4212BEVB Datasheet HTML 4Page - Semtech Corporation SC4212BEVB Datasheet HTML 5Page - Semtech Corporation SC4212BEVB Datasheet HTML 6Page - Semtech Corporation SC4212BEVB Datasheet HTML 7Page - Semtech Corporation SC4212BEVB Datasheet HTML 8Page - Semtech Corporation SC4212BEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© 2015 Semtech Corporation
POWER MANAGEMENT
1
SC4212B
Very Low Input /Very Low Dropout
1 Amp Regulator
Features
Input Voltage Range from 1.6V to 6.0V
150mV Maximum Dropout @ 1A
Adjustable Output from 0.5V with ± 1% Accuracy
12µA Quiescent Current in Shutdown
Enable Input
250µs Internal Soft-Start
Over Current and Over Temperature Protection
Reverse Blocking from Output to Input
Full Industrial Temperature Range
3mm x 3mm x 1mm MLPD-8 Package
Fully WEEE and RoHS Compliant
Applications
Telecom and Networking Cards
Motherboards and Peripheral Cards
Industrial Applications
Wireless Infrastructure
Medical Equipment
Description
The SC4212B is a high performance linear voltage regula-
tor designed for applications requiring very low dropout
voltage at load currents up to 1 Ampere. It operates with
VIN as low as 1.6V and up to 6V, making it useful for a wide
range of different applications and rails. The output
voltage is programmable down to 0.5V, set via an external
resistor divider, or to a fixed setting of 0.5V depending
upon how the FB pin is configured.
The SC4212B has an enable pin to further reduce power
dissipation while shut down. Protection features include
over current protection, over temperature protection and
reverse blocking from output to input. The SC4212B is
available in a 3mm x 3mm MLPD-8 package.
Typical Application Circuit
Rev. 2.0
SC4212B
C1
C2
VIN
EN
VO
FB
GND
EN
VIN
VO
VO=0.5V
SC4212B
C1
C2
VIN
EN
VO
FB
GND
EN
VIN
VO
R1
R2
VO =
0.5(R1+R2)
R2
C3
R2
* C
3 is a placeholder


Số phần tương tự - SC4212BEVB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
SC4212B GENNUM-SC4212B Datasheet
839Kb / 11P
Enable Input
More results

Mô tả tương tự - SC4212BEVB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Semtech Corporation
SC4211 SEMTECH-SC4211 Datasheet
201Kb / 8P
Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A Datasheet
182Kb / 8P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215 SEMTECH-SC4215_06 Datasheet
213Kb / 9P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4211 SEMTECH-SC4211_06 Datasheet
223Kb / 9P
Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4216 SEMTECH-SC4216 Datasheet
219Kb / 9P
Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4217 SEMTECH-SC4217 Datasheet
355Kb / 11P
Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4211 SEMTECH-SC4211_08 Datasheet
228Kb / 9P
Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A_09 Datasheet
1Mb / 9P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
logo
Texas Instruments
TPS7A7001 TI1-TPS7A7001 Datasheet
709Kb / 17P
Very Low Input, Very Low Dropout, 2-Amp Regulator With EnableQ
logo
Semtech Corporation
SC4211H SEMTECH-SC4211H Datasheet
405Kb / 9P
Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com