công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC4212BEVB bảng dữ liệu(PDF) 5 Page - Semtech Corporation

tên linh kiện SC4212BEVB
Giải thích chi tiết về linh kiện  Very Low Input /Very Low Dropout 1 Amp Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4212BEVB bảng dữ liệu(HTML) 5 Page - Semtech Corporation

  SC4212BEVB Datasheet HTML 1Page - Semtech Corporation SC4212BEVB Datasheet HTML 2Page - Semtech Corporation SC4212BEVB Datasheet HTML 3Page - Semtech Corporation SC4212BEVB Datasheet HTML 4Page - Semtech Corporation SC4212BEVB Datasheet HTML 5Page - Semtech Corporation SC4212BEVB Datasheet HTML 6Page - Semtech Corporation SC4212BEVB Datasheet HTML 7Page - Semtech Corporation SC4212BEVB Datasheet HTML 8Page - Semtech Corporation SC4212BEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SC4212B
5
Pin Descriptions
Pin #
Pin Name
Pin Function
1, 4, 5
NC
No connection. Do not connect to any node electrically.
2
EN
Enable input. Driving this pin high turns on the regulator. Driving this pin low shuts off the regula-
tor. If not driven from a control circuit, tie this pin directly to the VIN pin, or via a resistor up to
400kΩ.
3
VIN
Input supply pin. A large bulk capacitance should be placed close to this pin to ensure that the
input supply does not sag below the minimum V
IN.
6
VO
Regulator output pin. Refer to the Applications Information section for output capacitor selection.
7
FB
Input of the error amplifier. This pin is used to set the output voltage (See typical Application
Circuits on page 1).
8
GND
Ground pin.
THERMAL PAD
The exposed pad enhances thermal performance and is not electrically connected inside the pack-
age. It is recommended to connect the exposed pad to the ground plane using multiple vias.
Block Diagram
Over-current and
therm al shutdown
Circuitry
Enable
Circuitry
Reverse Polarity
Protection Circuitry
VREF
Circuitry
G ND
FB
VO
VIN
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com