công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC4212BEVB bảng dữ liệu(PDF) 8 Page - Semtech Corporation

tên linh kiện SC4212BEVB
Giải thích chi tiết về linh kiện  Very Low Input /Very Low Dropout 1 Amp Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4212BEVB bảng dữ liệu(HTML) 8 Page - Semtech Corporation

Back Button SC4212BEVB Datasheet HTML 3Page - Semtech Corporation SC4212BEVB Datasheet HTML 4Page - Semtech Corporation SC4212BEVB Datasheet HTML 5Page - Semtech Corporation SC4212BEVB Datasheet HTML 6Page - Semtech Corporation SC4212BEVB Datasheet HTML 7Page - Semtech Corporation SC4212BEVB Datasheet HTML 8Page - Semtech Corporation SC4212BEVB Datasheet HTML 9Page - Semtech Corporation SC4212BEVB Datasheet HTML 10Page - Semtech Corporation SC4212BEVB Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SC4212B
8
Introduction
The SC4212B is intended for applications where high
current capability and very low dropout voltage are
required. It provides a very simple, low cost solution that
uses very little PCB area. Additional features include an
enable pin to allow for a very low power consumption in
standby mode, and a fully adjustable output.
V
O Setting: VO = VREF
By connecting the FB pin directly to the VO pin, the output
voltage will be regulated to the 0.5V internal reference. In
this configuration, R2 should be 10kΩ.
V
O Setting with External Resistors
The use of 1% resistors, and designing for a current flow ≥
50µA is recommended to ensure a well regulated output
(thus R
2 ≤ 10kΩ). R1 can then be calculated from
R
1 = R2 (VO-VREF)/VREF
Enable
Pulling this pin below 0.4V turns the regulator off, reduc-
ing the quiescent current to a fraction of its operating
value. Driving this pin high enables the regulator. A pull
up resistor ≤ 400kΩ should be connected from this pin to
the VIN pin in applications where the Enable pin is not
driven from a control circuit.
Input Capacitor
A 10µF X5R or X7R ceramic capacitor, along with a 0.1µF
ceramic decoupling capacitor is recommended to be
placed directly next to the VIN pin. This allows for the
device being some distance from the input source, reduc-
ing the input droop due to load transients and improving
load transient response. Additional capacitance may be
needed if large step, fast di/dt load transients are required
or the LDO is located far away from the input source.
Output Capacitor
A 10µF or larger X5R or X7R ceramic capacitor, along with
a 0.1µF ceramic decoupling capacitor is recommended.
Over-Current and Thermal Shutdown
The over-current protection and thermal shutdown func-
tions protect the regulator against damage due to exces-
sive power dissipation. The SC4212B is designed to current
limit when the output current reaches 1.6A (typical). When
the load exceeds 1.6A, the output voltage is reduced to
maintain a constant current limit.
The thermal shutdown function limits the junction tem-
perature to a maximum of 150OC (typical). Thermal shut-
down turns off the regulator as the junction temperature
reaches the high trip level of 150OC. When the junction
temperature drops below 140OC (typical), the regulator is
turned on once again.
Thermal Considerations
The power dissipation in the SC4212B is given by the fol-
lowing equation:
P
D ≈ IO(VIN - VO)
The allowable power dissipation will be dependant upon
the thermal impedance achieved in the application. The
derating curve below is valid for the thermal impedance
specified in the Thermal Information section on page 3.
Applications Information
Figure 1. Power Derating Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com