công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28075PZPQ bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320F28075PZPQ
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28075PZPQ bảng dữ liệu(HTML) 2 Page - Texas Instruments

  TMS320F28075PZPQ Datasheet HTML 1Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 2Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 3Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 4Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 5Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 6Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 7Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 8Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 182 page
background image
TMS320F28075
SPRS902B – OCTOBER 2014 – REVISED OCTOBER 2015
www.ti.com
1.2
Applications
•
Industrial Drives
•
Digital Power
•
Solar Micro Inverters and Converters
1.3
Description
The TMS320F2807x microcontroller platform is part of the Piccolo™ family and is suited for advanced
closed-loop control applications such as industrial drives and servo motor control; solar inverters and
converters; digital power; transportation; and power line communications. Complete development
packages for digital power and industrial drives are available as part of the powerSUITE and
DesignDRIVE initiatives.
The F2807x is a 32-bit floating-point microcontroller based on TI’s industry-leading C28x core. This core is
boosted by the trigonometric hardware accelerator which improves performance of trigonometric-based
algorithms with CPU instructions such as sine, cosine, and arctangent functions, which are common in
torque-loop and position calculations.
The F2807x microcontroller family features a CLA real-time control co-processor. The CLA is an
independent 32-bit floating-point processor that runs at the same speed as the main CPU. It responds to
peripheral triggers and executes code concurrently with the main C28x CPU. This parallel processing
capability can effectively double the computational performance of a real-time control system. By using the
CLA to service time-critical functions, the main C28x CPU is freed up for other tasks, such as
communications and diagnostics.
The F2807x device supports up to 512KB (256KW) of ECC-protected onboard flash memory and up to
100KB (50KW) of SRAM with parity. Two independent security zones are also available for 128-bit code
protection of the main C28x.
The analog subsystem boasts up to three 12-bit ADCs, which enable simultaneous management of three
independent power phases, and up to eight windowed comparator subsystems (CMPSSs), allowing very
fast, direct trip of the PWMs in overvoltage or overcurrent conditions. In addition, the device has three 12-
bit DACs, and precision control peripherals such as enhanced pulse width modulators (ePWMs) with fault
protection, eQEP peripherals, and eCAP units.
Connectivity peripherals such as dual Controller Area Network (CAN) modules (ISO11898-1/CAN 2.0B-
compliant) and a USB 2.0 port with MAC and full-speed PHY let users add universal serial bus (USB)
connectivity to their application.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
TMS320F28075PTP
HLQFP (176)
24.0 mm × 24.0 mm
TMS320F28075PZP
HTQFP (100)
14.0 mm × 14.0 mm
(1)
For more information, see Section 9, Mechanical Packaging and Orderable Information.
2
Device Overview
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com