| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VS6663CB bảng dữ liệu(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6663CB bảng dữ liệu(HTML) 37 Page - STMicroelectronics |
|
37 / 64 page ![]() Doc ID026749 Rev 2 37/64 VS6663CB Video data interface 47 5.1 Frame format The frame format for the VS6663CB is described by the frame format description registers in Table 11 on page 24. For CCP2 this results in a frame as shown in Figure 11 and for CSI- 2 it results in a frame as shown in Figure 12. Figure 11. VS6663CB CCP2 frame format Figure 12. VS6663CB CSI-2 frame format Embedded data lines The embedded data lines provide a mechanism to embed non-image data such as sensor configuration details within the output data stream. The number of embedded data lines at the start and end of the frame is specified as part of the frame format description. VS6663CB has two embedded data lines. Interframe padding Bayer pixel data FE FS 2 embedded data lines Frame start code Frame end code Bayer pixel data Embedded data Frame start packet Frame end packet Line blanking Frame blanking FE FS |