| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VS6663CB bảng dữ liệu(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6663CB bảng dữ liệu(HTML) 16 Page - STMicroelectronics |
|
16 / 64 page ![]() Functional description VS6663CB 16/64 Doc ID026749 Rev 2 Figure 7. VS6663CB power-up sequence for CCP2 t0 t1 t3 t4 t5 t6 VDIG VANA XSHUTDOWN EXTCLK (Free running) EXTCLK (Gated) CCI CLK+/- DATA+/- Frame count register EXTCLCK may be free running or gated Read Device ID Configure Device Enter Streaming 0xFF 0x01 t2 t7 This is an example of VANA rising after VDIG High Z (tri-state) LP00 (CSI-2 mode) Mode changed to CCP2 |