| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST-PLC-AFE bảng dữ liệu(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST-PLC-AFE bảng dữ liệu(HTML) 45 Page - STMicroelectronics |
|
45 / 58 page ![]() DocID028727 Rev 1 45/58 ST-PLC-AFE Application information 58 Figure 48. Protection in single-ended coupling mode Table 17 gives a list transient, protective devices which are recommended for use with the ST-PLC-AFE. In addition to external, protective circuits, the PAs integrate robust ESD diodes at their output which help to protect the ST-PLC-AFE against over-voltages (Figure 48). Table 17. List of recommended, transient, protective devices Component Description Manufacturer P/N D1 Zener diode — — D2, D3, D4, D5 Schottky diode STMicroelectronics STPS3L40S TVS, single-ended configuration Transient voltage suppressor SM6T6V8CA TVS, differential- ended configuration SM6T12CA MOV Metal oxyde varistor Bourns MOV-20D431K |