| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L162VD bảng dữ liệu(PDF) 108 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L162VD bảng dữ liệu(HTML) 108 Page - STMicroelectronics |
|
108 / 115 page ![]() Package information STM32L162VD-X 108/115 DocID027268 Rev 3 7 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. 7.1 WLCSP104, 0.4 mm pitch wafer level chip scale package information Figure 27. WLCSP104, 0.4 mm pitch wafer level chip scale package outline 1. Drawing is not to scale. |