| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C161PI bảng dữ liệu(PDF) 25 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C161PI bảng dữ liệu(HTML) 25 Page - Infineon Technologies AG |
|
25 / 82 page ![]() &3, Data Sheet 23 1999-07 The state of this latch may be used to clock timer T5. The overflows/underflows of timer T6 can additionally be used to cause a reload from the CAPREL register. The CAPREL register may capture the contents of timer T5 based on an external signal transition on the corresponding port pin (CAPIN), and timer T5 may optionally be cleared after the capture procedure. This allows absolute time differences to be measured or pulse multiplication to be performed without software overhead. The capture trigger (timer T5 to CAPREL) may also be generated upon transitions of GPT1 timer T3’s inputs T3IN and/or T3EUD. This is especially advantageous when T3 operates in Incremental Interface Mode. Figure 7 Block Diagram of GPT2 MUX 2n : 1 f CPU T5 Mode Control GPT2 Timer T5 2n : 1 f CPU T6 Mode Control GPT2 Timer T6 GPT2 CAPREL T6OTL T3 CAPIN T6OUT U/D U/D Interrupt Request Interrupt Request Interrupt Request Other Timers Clear Capture CT3 Mcb03999C.vsd |