| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SRTAG2KL bảng dữ liệu(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SRTAG2KL bảng dữ liệu(HTML) 28 Page - STMicroelectronics |
|
28 / 51 page ![]() RF command sets SRTAG2KL 28/51 DocID026583 Rev 2 Table 25 defines the R-APDU of the CC Select command. Note: For further return codes and definitions, refer to Section 5.6.2: Status and error codes. 5.6.5 NDEF Select command The RF host uses the NDEF Select command to select the NDEF file. The NDEF file is selected when this command returns "command completed" in the R- APDU. Table 26 defines the C-APDU of the Select command to select the NDEF file (called NDEF Select). Table 24. C-APDU of the Capability Container Select command Name CLA INS P1 P2 Lc Data Le 0x00 0xA4 0x00 0x0C 0x02 0xE103 - Class byte Select instruction code P1 field P2 field Number of bytes of data CC file ID (empty field) Table 25. R-APDU of the Capability Container Select command Data SW1 SW2 Comment Length - 1 byte 1 byte - Value - 0x90 0x00 Command completed Value - 0x6A 0x82 File or application not found Value - 0x6D 0x00 Class not supported Table 26. C-APDU of the NDEF Select command Name CLA INS P1 P2 Lc Data Le 0x00 0xA4 0x00 0x0C 0x02 0x0001 - Class byte Select instruction code P1 field P2 field Number of bytes of data 0x0001: NDEF file (empty field) |