| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SRTAG2KL bảng dữ liệu(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SRTAG2KL bảng dữ liệu(HTML) 23 Page - STMicroelectronics |
|
23 / 51 page ![]() DocID026583 Rev 2 23/51 SRTAG2KL RF command sets There are two kinds of R-Blocks: • R(ACK): the acknowledgment block sent by the RF host or by the SRTAG2KL • R(NAK): the non-acknowledgment block sent by the RF host Table 15. R-Block format NFC frame SoD EoD PCB DID Payload CRC Length 1 byte 1 byte 0 byte 2 bytes R(ACK) without the DID field: 0xA2 or 0xA3 R(ACK) with the DID field: 0xAA or 0xAB R(NAK) without the DID field: 0xB2 or 0xB3 R(NAK) with the DID field: 0xBA or 0xBB DID field (optional) - 2 CRC bytes |