công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SRTAG2KL bảng dữ liệu(PDF) 17 Page - STMicroelectronics

tên linh kiện SRTAG2KL
Giải thích chi tiết về linh kiện  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRTAG2KL bảng dữ liệu(HTML) 17 Page - STMicroelectronics

Back Button SRTAG2KL Datasheet HTML 13Page - STMicroelectronics SRTAG2KL Datasheet HTML 14Page - STMicroelectronics SRTAG2KL Datasheet HTML 15Page - STMicroelectronics SRTAG2KL Datasheet HTML 16Page - STMicroelectronics SRTAG2KL Datasheet HTML 17Page - STMicroelectronics SRTAG2KL Datasheet HTML 18Page - STMicroelectronics SRTAG2KL Datasheet HTML 19Page - STMicroelectronics SRTAG2KL Datasheet HTML 20Page - STMicroelectronics SRTAG2KL Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
DocID026583 Rev 2
17/51
SRTAG2KL
SRTAG2KL memory management
If enabled, the Read/Write counter will have an impact on the execution time of the event
which is countered: the counter increment needs some write cycles of specific EEPROM
cells automatically managed by SRTAG2KL, which increase the total time before the
response is sent to the reader.
As a consequence, an S(WTX) request can be issued on the command that will increment
the counter (see Section 5.4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51