công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M95M01-DWDW3TP bảng dữ liệu(PDF) 22 Page - STMicroelectronics

tên linh kiện M95M01-DWDW3TP
Giải thích chi tiết về linh kiện  Automotive 1 Mbit serial SPI bus EEPROMs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-DWDW3TP bảng dữ liệu(HTML) 22 Page - STMicroelectronics

Back Button M95M01-DWDW3TP Datasheet HTML 18Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 19Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 20Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 21Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 22Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 23Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 24Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 25Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
Instructions
M95M01-A125 M95M01-A145
22/40
DocID023214 Rev 6
4.7
Read Identification Page (RDID)
The Read Identification Page instruction is used to read the Identification Page (additional
page of 256 bytes which can be written and later permanently locked in Read-only mode).
The Chip Select (S) signal is first driven low, the bits of the instruction byte and address
bytes are then shifted in (MSB first) on Serial Data input (D). Address bit A10 must be 0 and
the other upper address bits are Don't Care (it might be easier to define these bits as 0, as
shown in Table 7). The data byte pointed to by the lower address bits [A7:A0] is shifted out
(MSB first) on Serial Data output (Q).
The first byte addressed can be any byte within the identification page.
If Chip Select (S) continues to be driven low, the internal address register is automatically
incremented and the byte of data at the new address is shifted out.
Note that there is no roll over feature in the Identification Page. The address of bytes to read
must not exceed the page boundary.
The read cycle is terminated by driving Chip Select (S) high. The rising edge of the Chip
Select (S) signal can occur at any time when the data bits are shifted out.
The instruction is not accepted, and is not executed, if a Write cycle is currently in progress.
Figure 12. Read Identification Page sequence
The first three bytes of the Identification page offer information about the device itself.
Please refer to Section 3.5: Identification page for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com