công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M95M01-DWDW3TP bảng dữ liệu(PDF) 19 Page - STMicroelectronics

tên linh kiện M95M01-DWDW3TP
Giải thích chi tiết về linh kiện  Automotive 1 Mbit serial SPI bus EEPROMs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-DWDW3TP bảng dữ liệu(HTML) 19 Page - STMicroelectronics

Back Button M95M01-DWDW3TP Datasheet HTML 15Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 16Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 17Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 18Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 19Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 20Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 21Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 22Page - STMicroelectronics M95M01-DWDW3TP Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
DocID023214 Rev 6
19/40
M95M01-A125 M95M01-A145
Instructions
39
4.5
Read from Memory Array (READ)
The READ instruction is used to read the content of the memory.
As shown in Figure 9, to send this instruction to the device, Chip Select (S) is first driven
low.
The bits of the instruction byte and address bytes are shifted in (MSB first) on Serial Data
Input (D) and the addressed data byte is then shifted out (MSB first) on Serial Data Output
(Q). The first addressed byte can be any byte within any page.
If Chip Select (S) continues to be driven low, the internal address register is automatically
incremented, and the next byte of data is shifted out. The whole memory can therefore be
read with a single READ instruction.
When the highest address is reached, the address counter rolls over to zero, allowing the
Read cycle to be continued indefinitely.
The Read cycle is terminated by driving Chip Select (S) high at any time when the data bits
are shifted out on Serial Data Output (Q).
The instruction is not accepted, and is not executed, if a Write cycle is currently in progress.
Figure 9. Read from Memory Array (READ) sequence
1. Depending on the memory size, as shown in Table 7, the most significant address bits are Don’t Care.
C
D
AI13878
S
Q
23
2
1
3456789 10
28 29 30 31 32 33 34 35
22 21
3210
36 37 38
76543
1
7
0
High Impedance
Data Out 1
Instruction
24-bit address
0
MSB
MSB
2
39
Data Out 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com