công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M24C16-DRMF3TP bảng dữ liệu(PDF) 34 Page - STMicroelectronics

tên linh kiện M24C16-DRMF3TP
Giải thích chi tiết về linh kiện  Automotive 16-Kbit serial IC bus EEPROM with 1 MHz clock
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C16-DRMF3TP bảng dữ liệu(HTML) 34 Page - STMicroelectronics

Back Button M24C16-DRMF3TP Datasheet HTML 29Page - STMicroelectronics M24C16-DRMF3TP Datasheet HTML 30Page - STMicroelectronics M24C16-DRMF3TP Datasheet HTML 31Page - STMicroelectronics M24C16-DRMF3TP Datasheet HTML 32Page - STMicroelectronics M24C16-DRMF3TP Datasheet HTML 33Page - STMicroelectronics M24C16-DRMF3TP Datasheet HTML 34Page - STMicroelectronics M24C16-DRMF3TP Datasheet HTML 35Page - STMicroelectronics M24C16-DRMF3TP Datasheet HTML 36Page - STMicroelectronics M24C16-DRMF3TP Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
Part numbering
M24C16-A125
34/37
DocID025622 Rev 5
10
Part numbering
Note:
For a list of available options (speed, package, etc.) or for further information on any aspect
of the devices, please contact your nearest ST sales office.
Table 16. Ordering information scheme
Example:
M24C16-D
R
MN 3
T
P /K
Device type
M24 = I2C serial access EEPROM
Device function
C16-D = 16 Kbits (2048 x 8 bits) plus identification page
Operating voltage
R = VCC = 1.8 V to 5.5 V
Package(1)
1. All packages are ECOPACK2® (RoHS compliant and free of brominated, chlorinated and antimonyoxide
flame retardants).
MN = SO8 (150 mil width)
DW = TSSOP8 (169 mil width)
MF = WFDFPN8 (2 x 3 mm)
Device grade
3 = -40 to 125 °C. Device tested with high reliability certified flow (2)
2. The high reliability certified flow (HRCF) is described in quality note QNEE9801. Please ask your nearest
ST sales office for a copy.
Option
T = Tape and reel packing
blank = tube packing
Plating technology
P or G = ECOPACK2®
Process
/K = Manufacturing technology code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com