| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9779WD bảng dữ liệu(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9779WD bảng dữ liệu(HTML) 34 Page - STMicroelectronics |
|
34 / 170 page ![]() Functional description L9779WD 34/170 DocID027452 Rev 5 VDD5 over voltage No Interfaces drivers MSC_act Internal registers LB interfaces drivers LB internal registers CAN & K-LINE & VRS Smart reset function Power-up/down manager MRD=ON VDD5=ON V3V3=ON VTRACK1,2=ON VDD5_OV VB over voltage tTBOV1<t<tTBOV 2 No Interfaces drivers LB interfaces drivers MSC_act Internal registers LB internal registers CAN & K-LINE & VRS Smart reset function Power-up/down manager MRD=ON VDD5=ON V3V3=ON VTRACK1,2=ON OV_RST VB over voltage t>tTBOV2 Yes Internal registers Interfaces drivers LB interfaces drivers LB internal registers MSC_act CAN & K-LINE & VRS Smart reset function Power-up/down manager MRD=ON VDD5=OFF V3V3=OFF VTRACK1,2=OFF OV_RST RST driven low externally t<THOLD Yes Internal registers Interfaces drivers MSC_act CAN & K-LINE & VRS LB interfaces drivers LB internal registers Smart reset function Power-up/down manager Keep state N/A RST driven low externally t>THOLD Yes Internal registers Interfaces drivers LB interfaces drivers LB internal registers MSC_act CAN & K-LINE & VRS Smart reset function Power-up/down manager Keep state N/A Table 9. Internal reset (continued) Event RST pin driven low Logic under reset Logic not reset Power-up/down manager output Information FLAG |