| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9779WD bảng dữ liệu(PDF) 161 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9779WD bảng dữ liệu(HTML) 161 Page - STMicroelectronics |
|
161 / 170 page ![]() DocID027452 Rev 5 161/170 L9779WD Functional description 169 DIA_REG11 Diagnostic register 11 Address: 1011b Type: Reset: 7 654 32 10 OT1 OT2 OT3 OT4 VDD5UV_RST CAN_ERROR TRANS_L TRANS_F [7] OT1 0: No fault 1: Over temperature occurred in VTRK1,2 [6] OT2 0: No fault 1: Over temperature occurred in the OUTx and IGNx [5] OT3 0: No fault 1: Over temperature occurred in MRD [4] OT4 0: No fault 1: Over temperature occurred in V3V3 [3] VDD5UV_RST 0: No reset generated 1: Reset generated by VDD_UV (t >THOLD) Note: if VDD5_UV is masked, the VDD5_UV event is anyhow latched. [2] CAN_ERROR 0: No fault 1: fault present (one of the 4 possible error on CAN) [1] TRANS_L 0: No fault 1: data frame length incorrect [0] TRANS_F 0: No fault 1= no data stream within time-out |