| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9779WD bảng dữ liệu(PDF) 154 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9779WD bảng dữ liệu(HTML) 154 Page - STMicroelectronics |
|
154 / 170 page ![]() Functional description L9779WD 154/170 DocID027452 Rev 5 DIA_REG1:[1:0] OUT1_DIAG: Diagnosis bit of power stage OUT1 00: Short-circuit to ground (SCG) 01: Open load (OL) 10: Short-circuit to BAT (SCB) 11: Power stage OK NO FAIL DIA_REG2:[7:6] OUT8_DIAG: Diagnosis bit of power stage OUT8 00: Short-circuit to ground (SCG) 01: Open load (OL) 10: Short-circuit to BAT (SCB) 11: Power stage OK NO FAIL DIA_REG2:[5:4] OUT7_DIAG: Diagnosis bit of power stage OUT7 00: Short-circuit to ground (SCG) 01: Open load (OL) 10: Short-circuit to BAT (SCB) 11: Power stage OK NO FAIL DIA_REG2:[3:2] OUT6_DIAG: Diagnosis bit of power stage OUT6 00: Short-circuit to ground (SCG) 01: Open load (OL) 10: Short-circuit to BAT (SCB) 11: Power stage OK NO FAIL DIA_REG2:[1:0] OUT5_DIAG: Diagnosis bit of power stage OUT5 00: Short-circuit to ground (SCG) 01: Open load (OL) 10: Short-circuit to BAT (SCB) 11: Power stage OK NO FAIL DIA_REG3:[7:6] OUT14_DIAG: Diagnosis bit of power stage OUT14 00: Short-circuit to ground (SCG) 01: Open load (OL) 10: Short-circuit to BAT (SCB) 11: Power stage OK NO FAIL DIA_REG3:[5:4] OUT13_DIAG: Diagnosis bit of power stage OUT13 00: Short-circuit to ground (SCG) 01: Open load (OL) 10: Short-circuit to BAT (SCB) 11: Power stage OK NO FAIL DIA_REG3:[3] ]WDA STATUS: status of WDA pin, not latched DIA_REG3:[2] RESERVED: not used DIA_REG3:[1:0] OUT9_DIAG: Diagnosis bit of power stage OUT9 00: Short-circuit to ground (SCG) 01: Open load (OL) 10: Short-circuit to BAT (SCB) 11: Power stage OK NO FAIL |