công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC8563T bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DAC8563T
Giải thích chi tiết về linh kiện  Internal Reference
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8563T bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button DAC8563T Datasheet HTML 2Page - Texas Instruments DAC8563T Datasheet HTML 3Page - Texas Instruments DAC8563T Datasheet HTML 4Page - Texas Instruments DAC8563T Datasheet HTML 5Page - Texas Instruments DAC8563T Datasheet HTML 6Page - Texas Instruments DAC8563T Datasheet HTML 7Page - Texas Instruments DAC8563T Datasheet HTML 8Page - Texas Instruments DAC8563T Datasheet HTML 9Page - Texas Instruments DAC8563T Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
DAC7562T, DAC7563T, DAC8162T
DAC8163T, DAC8562T, DAC8563T
SLASE61A – SEPTEMBER 2015 – REVISED OCTOBER 2015
www.ti.com
7.5 Electrical Characteristics
At AVDD = 2.7 V to 5.5 V and TA = –40°C to 125°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE(1)
Resolution
12
Bits
DAC756xT
Relative accuracy
Using line passing through codes 32 and 4,064
±0.3
±0.75
LSB
Differential nonlinearity
12-bit monotonic
±0.05
±0.25
Resolution
14
Bits
DAC816xT
Relative accuracy
Using line passing through codes 128 and 16,256
±1
±3
LSB
Differential nonlinearity
14-bit monotonic
±0.1
±0.5
Resolution
16
Bits
DAC856xT
Relative accuracy
Using line passing through codes 512 and 65,024
±4
±12
LSB
Differential nonlinearity
16-bit monotonic
±0.2
±1
Offset error
Extrapolated from two-point line(1), unloaded
±1
±4
mV
Offset error drift
±2
µV/°C
Full-scale error
DAC register loaded with all 1s, DAC output unloaded
±0.03
±0.2
% FSR
Zero-code error
DAC register loaded with all 0s, DAC output unloaded
1
4
mV
Zero-code error drift
±2
µV/°C
Gain error
Extrapolated from two-point line(1), unloaded
±0.01
±0.15
% FSR
ppm
Gain temperature coefficient
±1
FSR/°C
OUTPUT CHARACTERISTICS(2)
Output voltage range
0
AVDD
V
DACs unloaded
7
Output voltage settling time(3)
µs
RL = 1 MΩ
10
Slew rate
Measured between 20%–80% of a full-scale transition
0.75
V/µs
RL = ∞
1
Capacitive load stability
nF
RL = 2 kΩ
3
Code-change glitch impulse
1-LSB change around major carry
0.1
nV-s
Digital feedthrough
SCLK toggling, SYNC high
0.1
nV-s
Power-on glitch impulse
RL = 2 kΩ, CL = 470 pF, AVDD = 5.5 V
40
mV
Full-scale swing on adjacent channel,
5
External reference
Channel-to-channel dc crosstalk
µV
Full-scale swing on adjacent channel,
15
Internal reference
DC output impedance
At mid-scale input
5
Ω
DAC outputs at full-scale, DAC outputs shorted to
Short-circuit current
40
mA
GND
Power-up time, including settling time
Coming out of power-down mode
50
µs
AC PERFORMANCE(2)
DAC output noise density
TA = 25°C, at mid-scale input, fOUT = 1 kHz
90
nV/
√Hz
DAC output noise
TA = 25°C, at mid-scale input, 0.1 Hz to 10 Hz
2.6
µVPP
LOGIC INPUTS(2)
Input-pin leakage current
–1
±0.1
1
µA
Logic input LOW voltage VIL
0
0.8
V
Logic input HIGH voltage VIH
2.1
AVDD
V
Pin capacitance
3
pF
(1)
16-bit: codes 512 and 65,024; 14-bit: codes 128 and 16,256; 12-bit: codes 32 and 4,064, All digital inputs kept at same IO levels before
and after write to the DAC
(2)
Specification based on design or characterization
(3)
Transition time between 1 / 4 scale and 3 / 4 scale, including settling to within ±0.024% FSR
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DAC7562T DAC7563T DAC8162T DAC8163T DAC8562T DAC8563T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com