công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC8563T bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DAC8563T
Giải thích chi tiết về linh kiện  Internal Reference
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8563T bảng dữ liệu(HTML) 5 Page - Texas Instruments

  DAC8563T Datasheet HTML 1Page - Texas Instruments DAC8563T Datasheet HTML 2Page - Texas Instruments DAC8563T Datasheet HTML 3Page - Texas Instruments DAC8563T Datasheet HTML 4Page - Texas Instruments DAC8563T Datasheet HTML 5Page - Texas Instruments DAC8563T Datasheet HTML 6Page - Texas Instruments DAC8563T Datasheet HTML 7Page - Texas Instruments DAC8563T Datasheet HTML 8Page - Texas Instruments DAC8563T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
DAC7562T, DAC7563T, DAC8162T
DAC8163T, DAC8562T, DAC8563T
www.ti.com
SLASE61A – SEPTEMBER 2015 – REVISED OCTOBER 2015
7 Specifications
7.1 Absolute Maximum Ratings
(1)
Over operating ambient temperature range (unless otherwise noted).
MIN
MAX
UNIT
AVDD to GND
–0.3
6
V
CLR, DIN, LDAC, SCLK and SYNC input voltage to GND
–0.3
AVDD + 0.3
V
VOUT[A, B] to GND
–0.3
AVDD + 0.3
V
VREFIN/VREFOUT to GND
–0.3
AVDD + 0.3
V
Operating temperature range
–40
125
°C
Junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
POWER SUPPLY
Supply voltage
AVDD to GND
2.7
5.5
V
DIGITAL INPUTS
Digital input voltage
CLR, DIN, LDAC, SCLK and SYNC
0
AVDD
V
REFERENCE INPUT
VREFIN
Reference input voltage
0
AVDD
V
TEMPERATURE RANGE
TA
Operating ambient temperature
–40
125
°C
7.4 Thermal Information
DAC756xT, DAC816xT, DAC856xT
THERMAL METRIC
DSC (WSON)
DGS (VSSOP)
UNIT
10 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance
62.8
173.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
44.3
48.5
°C/W
RθJB
Junction-to-board thermal resistance
26.5
79.9
°C/W
ψJT
Junction-to-top characterization parameter
0.4
1.7
°C/W
ψJB
Junction-to-board characterization parameter
25.5
68.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
46.2
N/A
°C/W
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DAC7562T DAC7563T DAC8162T DAC8163T DAC8562T DAC8563T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com