công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC8563T bảng dữ liệu(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DAC8563T
Giải thích chi tiết về linh kiện  Internal Reference
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8563T bảng dữ liệu(HTML) 33 Page - Texas Instruments

Back Button DAC8563T Datasheet HTML 29Page - Texas Instruments DAC8563T Datasheet HTML 30Page - Texas Instruments DAC8563T Datasheet HTML 31Page - Texas Instruments DAC8563T Datasheet HTML 32Page - Texas Instruments DAC8563T Datasheet HTML 33Page - Texas Instruments DAC8563T Datasheet HTML 34Page - Texas Instruments DAC8563T Datasheet HTML 35Page - Texas Instruments DAC8563T Datasheet HTML 36Page - Texas Instruments DAC8563T Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
IN
O UT
REF
n
D
V
=
V
Gain
2
æ
ö
´
´
ç
÷
è
ø
DAC7562T, DAC7563T, DAC8162T
DAC8163T, DAC8562T, DAC8563T
www.ti.com
SLASE61A – SEPTEMBER 2015 – REVISED OCTOBER 2015
8.4.2 Gain Function
The gain register controls the GAIN setting in the DAC transfer function:
(2)
The DAC756xT, DAC816xT, and DAC856xT devices have a gain register for each channel. The gain for each
channel, in Equation 2, is either 1 or 2. This gain is automatically set to 2 when using the internal reference, and
is automatically set to 1 when the internal reference is disabled (default). However, each channel can have either
gain by setting the registers appropriately. The gain registers are accessible by setting the serial interface
command bits to 000, address bits to 010, and using DB1 for DAC-B and DB0 for DAC-A. See Table 7 and
Table 17 for the full command structure. The gain registers are automatically reset to provide either gain of 1 or 2
when the internal reference is powered off or on, respectively. After the reference is powered off or on, the gain
register is again accessible to change the gain.
Table 7. DAC-n Selection for Gain Register Command
DB1, DB0
Value
Gain
DB0
0
DAC-A uses gain = 2 (default with internal reference)
1
DAC-A uses gain = 1 (default with external reference)
DB1
0
DAC-B uses gain = 2 (default with internal reference)
1
DAC-B uses gain = 1 (default with external reference)
8.4.3 Software Reset Function
The DAC756xT, DAC816xT, and DAC856xT devices contain a software reset feature. The software reset
function is accessed by setting the serial interface command bits to 101. The software reset command contains
two reset modes which are software-programmable by setting bit DB0 in the shift register. Table 8 and Table 17
show the available software reset commands.
Table 8. Software Reset
DB0
Registers Reset to Default Values
0
DAC registers
Input registers
1
DAC registers
Input registers
LDAC registers
Power-down registers
Internal reference register
Gain registers
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: DAC7562T DAC7563T DAC8162T DAC8163T DAC8562T DAC8563T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com