công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8331IBRGET bảng dữ liệu(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8331IBRGET
Giải thích chi tiết về linh kiện  Low-Power, 16-Bit, 500-kSPS, 4-/8-Channel Unipolar Input Analog-to-Digital Converters
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8331IBRGET bảng dữ liệu(HTML) 43 Page - Texas Instruments

Back Button ADS8331IBRGET Datasheet HTML 39Page - Texas Instruments ADS8331IBRGET Datasheet HTML 40Page - Texas Instruments ADS8331IBRGET Datasheet HTML 41Page - Texas Instruments ADS8331IBRGET Datasheet HTML 42Page - Texas Instruments ADS8331IBRGET Datasheet HTML 43Page - Texas Instruments ADS8331IBRGET Datasheet HTML 44Page - Texas Instruments ADS8331IBRGET Datasheet HTML 45Page - Texas Instruments ADS8331IBRGET Datasheet HTML 46Page - Texas Instruments ADS8331IBRGET Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 57 page
background image
ADS8331, ADS8332
www.ti.com
SBAS363D – DECEMBER 2009 – REVISED OCTOBER 2015
Typical Application (continued)
Placing an amplifier as a buffer between the multiplexer output and the ADC input helps to relax the source
impedance requirements at the INx multiplexer inputs. However, it should be noted that there is a parasitic
capacitance associated with the MUXOUT pin (approximately 5 pF). This is in addition to the input capacitance of
the buffer amplifier placed between MUXOUT and ADCIN pins. This capacitance is switched from one channel to
the next during the scan operation and must be recharged to new input channel voltage every time the
multiplexer switches channels. Therefore, take care so the previously converted channel charge stored at the
MUXOUT capacitance does not disturb the charge of the newly switched channel. This error can be reduced by
placing a large enough capacitor at each (INx) multiplexer input.
The data acquisition circuit in Figure 55 is optimized for using the ADS8332 in low power, low throughput
applications for monitoring static or DC signals. A single OPA320 amplifier and passive filter (R1, C1) is placed
between the MUXOUT and ADCIN inputs driving the ADS8332, while operating the ADC at a reduced data rate.
The OPA320 offers optimal settling time, DC precision and low noise at a relatively low power consumption (1.5
mA). In this case, the R1C1 is filter is designed to settle within ±1LSB in less than 1 µS after a full-scale input is
applied. The ADC is operating at a reduced data rate of less than 250 kSPS in Manual Trigger Mode with Auto-
NAP disabled (inactive) to allow a longer acquisition time.
Each multiplexer input is buffered with an ultralow power OPA333 to isolate the source impedance at the
multiplexer inputs. A large capacitor Cx is placed at each INx input. The OPA320 has an estimated input
capacitance of approximately 9 pF, and the capacitance associated with the MUXOUT pin is approximately 5 pF.
The Cx capacitor is many times larger than the parasitic capacitance present at the MUXOUT pin to reduce the
effect of charge injection due to the previously converted channel. The OPA333 consumes a maximum quiescent
current of 25 µA per amplifier while providing low drift, excellent stability and DC performance at ultra low power
consumption. To save power, this circuit is operated on a single 2.7-V supply. The OPA333 circuit is optimal for
low-power, low-throughput applications measuring DC signals. When scanning through multiplexer channels
ensure to limit the maximum sampling rate per channel to <10kSPS.
10 Power Supply Recommendations
During power on of the ADS833x, the digital interface supply voltage (VBD) should not exceed the analog supply
voltage (VA). This condition is specified in the Power-Supply Requirements section of the Electrical
Characteristics tables. If the analog and digital interface supplies for the converter are not generated by a single
voltage source, TI recommends to power on the analog supply and wait for it to reach its final value before the
digital interface supply is activated. Furthermore, the voltages applied to the analog input pins (INX, ADCIN) and
digital input pins (RESET, FS/CS, SCLK, SDI, and CONVST) should not exceed the voltages on VA and VBD,
respectively, during the power-on sequence. This requirement prevents these input pins from powering the
ADS833x through the ESD protection diodes/circuitry, and causing an increase in current consumption, until both
supplies are fully powered (see the Electrical Characteristics and Figure 34 for further details).
Communication with the ADS833x, such as initiating a conversion with CONVST or writing to the Configuration
register, should not occur for a minimum of 2
μs after the analog and digital interface supplies have finished the
power-on sequence and reached the respective final values in the system. This time is required for the internal
POR to activate and place the digital core of the device into the default mode of operation. This minimum delay
time must also be adhered to whenever a reset condition occurs (see the Reset Function section for additional
information).
11 Layout
11.1 Layout Guidelines
Figure 56 shows a board layout example for the ADS833x with the VQFN package. Use a ground plane
underneath the device and partition the PCB into analog and digital sections. Avoid crossing digital lines with the
analog signal path and keep the analog input signals and the reference input signals away from noise sources.
As shown in Figure 56, the analog input and reference signals are routed on the left side of the board and the
digital connections are routed on the right side of the device.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Links: ADS8331 ADS8332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com