công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8331IBRGET bảng dữ liệu(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8331IBRGET
Giải thích chi tiết về linh kiện  Low-Power, 16-Bit, 500-kSPS, 4-/8-Channel Unipolar Input Analog-to-Digital Converters
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8331IBRGET bảng dữ liệu(HTML) 37 Page - Texas Instruments

Back Button ADS8331IBRGET Datasheet HTML 33Page - Texas Instruments ADS8331IBRGET Datasheet HTML 34Page - Texas Instruments ADS8331IBRGET Datasheet HTML 35Page - Texas Instruments ADS8331IBRGET Datasheet HTML 36Page - Texas Instruments ADS8331IBRGET Datasheet HTML 37Page - Texas Instruments ADS8331IBRGET Datasheet HTML 38Page - Texas Instruments ADS8331IBRGET Datasheet HTML 39Page - Texas Instruments ADS8331IBRGET Datasheet HTML 40Page - Texas Instruments ADS8331IBRGET Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 57 page
background image
¸
¹
·
¨
©
§
u
u
S
u
t
FLT
FLT
C
R
2
1
4
dth
GainBandwi
Unity
VA=2.7V
VA=2.7V
0.220
22 µF
VIN
GND
VBIAS
REF2025
1 k
1 µF
+
-
+
OPA320
V+
REF+
AGND
VA
ADS8331/32
ENABLE
1 µF
VREF
0.220
10 µF
VA=2.7V
REF-
1 µF
RBUF_FLT
1 µF
ADS8331, ADS8332
www.ti.com
SBAS363D – DECEMBER 2009 – REVISED OCTOBER 2015
Application Information (continued)
driving amplifier as well as the circuit frequency response. Typical values of RBUF_FLT range from 0.1 Ω to 2 Ω
and the exact value can be found by using SPICE simulations. In the case of the OPA320 in the reference driver
example in Figure 50, the value of RBUF_FLT is 220 mΩ providing >55° of phase margin while driving the 22-µF
bypass capacitor. It should be noted that higher values of RBUF_FLT cause high voltage spikes at the reference pin
which affects the conversion accuracy.
9.1.1.2 Reference Driver Circuit for VREF=2.5 V, VA=2.7 V
The circuit shown in Figure 51 can be used to generate a 3-V reference using a 3.3-V supply. This circuit is
suitable to drive the reference of the ADS8332 at the maximum throughput of 500 kSPS. The reference voltage
of 3 V in this design is generated by the low-power, low drift, REF2025. The output broadband noise of the
reference is filtered by a low-pass filter with a 3-dB cutoff frequency of 159 Hz.
Figure 51. Reference Driver Schematic for VA = 2.7 V, VREF = 2.5 V
9.1.2 ADC Input Driver
To take advantage of the high sample rate offered by the ADS833x, the analog inputs (INx) of the device should
be driven with low noise operational amplifiers. The optimal input driver circuit for a high precision SAR ADC
consists of a driving amplifier and a fly-wheel RC filter. The amplifier driving the ADC must have low output
impedance and be able to charge the internal sampling capacitor (45pF) to a 16-bit settling level within the
minimum acquisition time. The RC filter helps attenuate the sampling charge injection from the switched-
capacitor input stage of the ADC and helps to reduce the wideband noise contributed by the front-end circuit.
Careful design of the front-end circuit is critical to meet the linearity and noise performance of a high-precision
ADC.
9.1.2.1 Input Amplifier Selection
The selection criteria for the input driver amplifier is dependent on the input signal type and the performance
goals of the data acquisition system. Some key amplifier specifications to consider while selecting an appropriate
amplifier to drive the inputs of the ADC are:
•
Small-signal bandwidth: Select the small-signal bandwidth of the input amplifiers to be as high as possible
after meeting the power budget of the system. Higher bandwidth reduces the closed-loop output impedance
of the amplifier, thus allowing the amplifier to more easily drive the RC filter at the ADC inputs. Higher
bandwidth also minimizes the harmonic distortion at higher input frequencies. To maintain the overall stability
of the input driver circuit, the amplifier bandwidth should be selected as described in Equation 2:
(2)
•
Noise: Noise contribution of the front-end amplifiers should be as low as possible to prevent any degradation
in SNR performance of the system. As a rule of thumb, to ensure that the noise performance of the data
acquisition system is not limited by the front-end circuit, the total noise contribution from the front-end circuit
should be kept below 20% of the input-referred noise of the ADC. Noise from the input driver circuit is band-
limited by designing a low cutoff frequency RC filter and is calculated by Equation 3:
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: ADS8331 ADS8332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com