| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LAN9730 bảng dữ liệu(PDF) 201 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN9730 bảng dữ liệu(HTML) 201 Page - Microchip Technology |
|
201 / 222 page ![]() 2012-2015 Microchip Technology Inc. DS00001946A-page 201 LAN9730/LAN9730i 7.5 AC Specifications This section details the various AC timing specifications of the device. 7.5.1 EQUIVALENT TEST LOAD Output timing specifications assume the 25 pF equivalent test load illustrated in Figure 7-1 below, unless otherwise specified. Note: The HSIC_DATA and HSIC_STROBE pin timing adheres to the HSIC 1.0 specification. Refer to the High- Speed Interchip USB Electrical Specification Revision 1.0 (09-23-07) and USB HSIC ECN for detailed USB timing information. Note: The Ethernet TX/RX pin timing adheres to the IEEE 802.3 specification. Refer to the IEEE 802.3 specifica- tion for detailed Ethernet timing information. FIGURE 7-1: OUTPUT EQUIVALENT TEST LOAD 25 pF OUTPUT |