công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LAN9730 bảng dữ liệu(PDF) 213 Page - Microchip Technology

tên linh kiện LAN9730
Giải thích chi tiết về linh kiện  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 bảng dữ liệu(HTML) 213 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 209Page - Microchip Technology LAN9730 Datasheet HTML 210Page - Microchip Technology LAN9730 Datasheet HTML 211Page - Microchip Technology LAN9730 Datasheet HTML 212Page - Microchip Technology LAN9730 Datasheet HTML 213Page - Microchip Technology LAN9730 Datasheet HTML 214Page - Microchip Technology LAN9730 Datasheet HTML 215Page - Microchip Technology LAN9730 Datasheet HTML 216Page - Microchip Technology LAN9730 Datasheet HTML 217Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 222 page
background image
 2012-2015 Microchip Technology Inc.
DS00001946A-page 213
LAN9730/LAN9730i
8.0
PACKAGING INFORMATION
Note:
56L Very Thin Quad Flat, No Lead Package (RT) - 8x8 mm Body [VQFN]
With 5.9x5.9 mm Exposed Pad; Punch Singulated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More