công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LAN9730 bảng dữ liệu(PDF) 208 Page - Microchip Technology

tên linh kiện LAN9730
Giải thích chi tiết về linh kiện  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 bảng dữ liệu(HTML) 208 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 204Page - Microchip Technology LAN9730 Datasheet HTML 205Page - Microchip Technology LAN9730 Datasheet HTML 206Page - Microchip Technology LAN9730 Datasheet HTML 207Page - Microchip Technology LAN9730 Datasheet HTML 208Page - Microchip Technology LAN9730 Datasheet HTML 209Page - Microchip Technology LAN9730 Datasheet HTML 210Page - Microchip Technology LAN9730 Datasheet HTML 211Page - Microchip Technology LAN9730 Datasheet HTML 212Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 222 page
background image
LAN9730/LAN9730i
DS00001946A-page 208
 2012-2015 Microchip Technology Inc.
Note 7-14
Timing was designed for a system load between 10 pf and 15 pf.
FIGURE 7-9:
TURBO MII RECEIVE TIMING
TABLE 7-21:
TURBO MII RECEIVE TIMING VALUES
Symbol
Description
Min
Max
Units
Notes
tclkp
RXCLK period
20
ns
tclkh
RXCLK high time
tclkp*0.4
tclkp*0.6
ns
tclkl
RXCLK low time
tclkp*0.4
tclkp*0.6
ns
tsu
RXD[3:0], RXDV setup time to rising edge of
RXCLK
5.5
ns
Note 7-14
thold
RXD[3:0], RXDV hold time after rising edge of
RXCLK
0ns
Note 7-14
RXCLK
(INPUT)
tsu
RXD[3:0]
(INPUT)
RXDV, RXER
(INPUT)
tclkh
tclkl
tclkp
thold
tsu thold
thold
tsu
thold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More