công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CAP1298 bảng dữ liệu(PDF) 54 Page - Microchip Technology

tên linh kiện CAP1298
Giải thích chi tiết về linh kiện  8-Channel Capacitive Touch Sensor Controller with Proximity Detection & Signal Guard
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1298 bảng dữ liệu(HTML) 54 Page - Microchip Technology

Back Button CAP1298 Datasheet HTML 50Page - Microchip Technology CAP1298 Datasheet HTML 51Page - Microchip Technology CAP1298 Datasheet HTML 52Page - Microchip Technology CAP1298 Datasheet HTML 53Page - Microchip Technology CAP1298 Datasheet HTML 54Page - Microchip Technology CAP1298 Datasheet HTML 55Page - Microchip Technology CAP1298 Datasheet HTML 56Page - Microchip Technology CAP1298 Datasheet HTML 57Page - Microchip Technology CAP1298 Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 68 page
background image
CAP1298
DS00001571B-page 54
 2013-2015 Microchip Technology Inc.
6.0
PACKAGE INFORMATION
6.1
CAP1298 Package Drawings
FIGURE 6-1:
CAP1298 14-LEAD PLASTIC SMALL OUTLINE, NARROW, 3.90 MM BODY (SOIC)
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68