công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CAP1188 bảng dữ liệu(PDF) 20 Page - Microchip Technology

tên linh kiện CAP1188
Giải thích chi tiết về linh kiện  8 Channel Capacitive Touch Sensor with 8 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1188 bảng dữ liệu(HTML) 20 Page - Microchip Technology

Back Button CAP1188 Datasheet HTML 16Page - Microchip Technology CAP1188 Datasheet HTML 17Page - Microchip Technology CAP1188 Datasheet HTML 18Page - Microchip Technology CAP1188 Datasheet HTML 19Page - Microchip Technology CAP1188 Datasheet HTML 20Page - Microchip Technology CAP1188 Datasheet HTML 21Page - Microchip Technology CAP1188 Datasheet HTML 22Page - Microchip Technology CAP1188 Datasheet HTML 23Page - Microchip Technology CAP1188 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 79 page
background image
CAP1188
DS00001620C-page 20
 2015 Microchip Technology Inc.
4.7
Bi-Directional SPI Protocols
4.7.1
RESET INTERFACE
Resets the Serial interface whenever two successive 7Ah codes are received. Regardless of the current phase of the
transaction - command or data, the receipt of the successive reset commands resets the Serial communication interface
only. All other functions are not affected by the reset operation.
4.7.2
SET ADDRESS POINTER
Sets the address pointer to the register to be accessed by a read or write command. This command overrides the auto-
incrementing of the address pointer.
FIGURE 4-8:
SPI Read Command - Normal Mode - Full
FIGURE 4-9:
SPI Reset Interface Command - Bi-directional Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79