| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CAP1188 bảng dữ liệu(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
CAP1188 bảng dữ liệu(HTML) 19 Page - Microchip Technology |
|
19 / 79 page ![]() 2015 Microchip Technology Inc. DS00001620C-page 19 CAP1188 4.6.4 READ DATA The Read Data protocol is used to read data from the device. During the normal mode of operation, while the device is receiving data, the CAP1188 is simultaneously transmitting data to the host. For the Set Address commands and the Write Data commands, this data may be invalid and it is recommended that the Read Data command is used. FIGURE 4-6: SPI Write Command - Normal Mode FIGURE 4-7: SPI Read Command - Normal Mode |