công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DLPC900ZPC bảng dữ liệu(PDF) 63 Page - Texas Instruments

tên linh kiện DLPC900ZPC
Giải thích chi tiết về linh kiện  Digital Controller for Advanced Light Control
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900ZPC bảng dữ liệu(HTML) 63 Page - Texas Instruments

Back Button DLPC900ZPC Datasheet HTML 59Page - Texas Instruments DLPC900ZPC Datasheet HTML 60Page - Texas Instruments DLPC900ZPC Datasheet HTML 61Page - Texas Instruments DLPC900ZPC Datasheet HTML 62Page - Texas Instruments DLPC900ZPC Datasheet HTML 63Page - Texas Instruments DLPC900ZPC Datasheet HTML 64Page - Texas Instruments DLPC900ZPC Datasheet HTML 65Page - Texas Instruments DLPC900ZPC Datasheet HTML 66Page - Texas Instruments DLPC900ZPC Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 72 page
background image
DLPC900
www.ti.com
DLPS037A – OCTOBER 2014 – REVISED AUGUST 2015
10.2 Layout Example
The DLP® LightCrafter™ 9000 EVM PCB is targeted at 14 layers with layer stack up shown in Figure 32. The
PCB layer stack may vary depending on system design. However, careful attention is required to meet design
considerations. Layers 1 and 14 should consist of the components layers. Layers 2, 4, 6, 9, 11,and 13 should
consist of solid ground planes. Layers 7 and 8 should consist of solid power planes. Layers 1, 3, 5, 10, 12, and
14 should be used as the primary routing layers. Routing on external layers should be less than 0.25 inches for
priority one and two signals. Refer to the Table 21 for signal priority groups. Board material should be FR-370HR
or similar. PCB should be designed for lead-free assembly with the stackup geometry shown in Figure 32 and
Figure 33.
Figure 32. Board Layer Stack
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
63
Product Folder Links: DLPC900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72