công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CDCE62005 bảng dữ liệu(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện CDCE62005
Giải thích chi tiết về linh kiện  3:5 Clock Generator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE62005 bảng dữ liệu(HTML) 72 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 68Page - Texas Instruments CDCE62005 Datasheet HTML 69Page - Texas Instruments CDCE62005 Datasheet HTML 70Page - Texas Instruments CDCE62005 Datasheet HTML 71Page - Texas Instruments CDCE62005 Datasheet HTML 72Page - Texas Instruments CDCE62005 Datasheet HTML 73Page - Texas Instruments CDCE62005 Datasheet HTML 74Page - Texas Instruments CDCE62005 Datasheet HTML 75Page - Texas Instruments CDCE62005 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 85 page
background image
CDCE62005
SCAS862F – NOVEMBER 2008 – REVISED JANUARY 2015
www.ti.com
Typical Application (continued)
Step 4:
The PLL loop bandwidth of the CDCE62005 is recommended to be set according to the phase noise profile of its
reference input and the phase noise profile of the onboard VCO clock. It is recommended to set the PLL loop
bandwidth as the crossover point of the reference input phase noise and the phase noise of the VCO clock.
When the input clock is clean and any near-frequency offsets are better than the VCO clock, it is beneficial for
the PLL bandwidth to be set at several hundred kHz as determined by the crossover point. Figure 48 shows a
typical 400-kHz Loop filter.
Figure 48. On-Chip Loop Filter Circuit for 400-kHz Loop Bandwidth
(Loop Settings in Figure 47, CP Current at 3.5mA)
72
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85