công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

V07P35P bảng dữ liệu(PDF) 4 Page - Littelfuse

tên linh kiện V07P35P
Giải thích chi tiết về linh kiện  Reduced footprint and volume required for surge protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LITTELFUSE [Littelfuse]
Trang chủ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V07P35P bảng dữ liệu(HTML) 4 Page - Littelfuse

  V07P35P Datasheet HTML 1Page - Littelfuse V07P35P Datasheet HTML 2Page - Littelfuse V07P35P Datasheet HTML 3Page - Littelfuse V07P35P Datasheet HTML 4Page - Littelfuse V07P35P Datasheet HTML 5Page - Littelfuse V07P35P Datasheet HTML 6Page - Littelfuse V07P35P Datasheet HTML 7Page - Littelfuse V07P35P Datasheet HTML 8Page - Littelfuse V07P35P Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
© 2015 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/04/15
Metal-Oxide Varistors (MOVs)
Radial Leaded Varistors > LV UltraMOVTM Varistor Series
Current Energy and Power Dissipation Ratings
100
90
80
70
60
50
40
30
20
10
0
-55
50
60
70
80
90
100110
120130 140150
AMBIENTTEMPERATURE ( oC)
FIGURE 1. CURRENT, ENERGY AND POWER DERATING
CURVE
Figure 1A - Power Derating for Epoxy Coated
FIGURE 1. CURRENT, ENERGY AND POWER DERATING
CURVE
100
90
80
70
60
50
40
30
20
10
0
-55
50
60
70
80
90
100110 120130 140150
AMBIENTTEMPERATURE ( oC)
Figure 1B - Power Derating for Phenolic Coated
T1
T2
100
50
0
O1
TIME
O1 = VIRTUAL ORIGIN OFWAVE
t1 = VIRTUAL FRONT TIME = 1.25 x t
(IMPULSE DURATION)
t = TIME FROM 10% TO 90% OF PEAK
t2 = VIRTUALTIME TO HALFVALUE
EXAMPLE:
FOR AN 8/20 s CURRENT WAVEFORM
8s = t1 = VIRTUAL FRONT TIME
20 s = t2 = VIRTUALTIME TO
HALFVALUE
FIGURE 2. PEAK PULSE CURRENT TEST WAVEFORM
FOR CLAMPING VOLTAGE
T
Peak Pulse CurrentTest Waveform for Clamping Voltage
0
1 = Virtual Origin of Wave
T = Time from 10% to 90% of Peak
T
1 = Rise Time = 1.25 x T
T
2 = Decay Time
Example - For an 8/20µs Current Waveform:
8µs = T
1 = Rise Time
20µs = T
2 = Decay Time
Figure 2
For applications exceeding 85ºC ambient temperature,
the peak surge current and energy ratings must be
reduced as shown below.
For applications exceeding 125ºC ambient temperature,
the peak surge current and energy ratings must be
reduced as shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com